Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C749 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 87C749
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C749 Datasheet(HTML) 3 Page - NXP Semiconductors

  87C749 Datasheet HTML 1Page - NXP Semiconductors 87C749 Datasheet HTML 2Page - NXP Semiconductors 87C749 Datasheet HTML 3Page - NXP Semiconductors 87C749 Datasheet HTML 4Page - NXP Semiconductors 87C749 Datasheet HTML 5Page - NXP Semiconductors 87C749 Datasheet HTML 6Page - NXP Semiconductors 87C749 Datasheet HTML 7Page - NXP Semiconductors 87C749 Datasheet HTML 8Page - NXP Semiconductors 87C749 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Philips Semiconductors
Preliminary specification
83C749/87C749
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
3
BLOCK DIAGRAM
RST
X1
X2
VCC
VSS
RAM
ROM/
EPROM
ACC
TMP2
TMP1
ALU
PD
OSCILLATOR
PSW
BUFFER
DPTR
PCON
TCON
IE
TH0
TL0
RTH
RTL
INTERRUPT AND
TIMER BLOCKS
PWM
P1.0–P1.7
P3.0–P3.7
P0.0–P0.4
ADC
AVSS
AVCC
PORT 0
DRIVERS
RAM ADDR
REGISTER
PORT 0
LATCH
PORT 2
LATCH
STACK
POINTER
PROGRAM
ADDRESS
REGISTER
PC
INCRE-
MENTER
PROGRAM
COUNTER
PORT 3
DRIVERS
PORT 1
DRIVERS
PORT 3
LATCH
PORT 1
LATCH
TIMING
AND
CONTROL
B
REGISTER
SU00305


Similar Part No. - 87C749

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C749 PHILIPS-87C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
More results

Similar Description - 87C749

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com