Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C749 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 87C749
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C749 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 87C749 Datasheet HTML 11Page - NXP Semiconductors 87C749 Datasheet HTML 12Page - NXP Semiconductors 87C749 Datasheet HTML 13Page - NXP Semiconductors 87C749 Datasheet HTML 14Page - NXP Semiconductors 87C749 Datasheet HTML 15Page - NXP Semiconductors 87C749 Datasheet HTML 16Page - NXP Semiconductors 87C749 Datasheet HTML 17Page - NXP Semiconductors 87C749 Datasheet HTML 18Page - NXP Semiconductors 87C749 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Philips Semiconductors
Preliminary specification
83C749/87C749
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
15
PROGRAMMING CONSIDERATIONS
EPROM Characteristics
The 87C749 is programmed by using a modified Quick-Pulse
Programming algorithm similar to that used for devices such as the
87C451 and 87C51. It differs from these devices in that a serial data
stream is used to place the 87C749 in the programming mode.
Figure 7 shows a block diagram of the programming configuration
for the 87C749. Port pin P0.2 is used as the programming voltage
supply input (VPP signal). Port pin P0.1 is used as the program
(PGM/) signal. This pin is used for the 25 programming pulses.
Port 3 is used as the address input for the byte to be programmed
and accepts both the high and low components of the eleven bit
address. Multiplexing of these address components is performed
using the ASEL input. The user should drive the ASEL input high
and then drive port 3 with the high order bits of the address. ASEL
should remain high for at least 13 clock cycles. ASEL may then be
driven low which latches the high order bits of the address internally.
The high address should remain on port 3 for at least two clock
cycles after ASEL is driven low. Port 3 may then be driven with the
low byte of the address. The low address will be internally stable 13
clock cycles later. The address will remain stable provided that the
low byte placed on port 3 is held stable and ASEL is kept low. Note:
ASEL needs to be pulsed high only to change the high byte of the
address.
Port 1 is used as a bidirectional data bus during programming and
verify operations. During programming mode, it accepts the byte to
be programmed. During verify mode, it provides the contents of the
EPROM location specified by the address which has been supplied
to Port 3.
The XTAL1 pin is the oscillator input and receives the master system
clock. This clock should be between 1.2 and 6MHz.
The RESET pin is used to accept the serial data stream that places
the 87C749 into various programming modes. This pattern consists
of a 10-bit code with the LSB sent first. Each bit is synchronized to
the clock input, X1.
Programming Operation
Figures 8 and 9 show the timing diagrams for the program/verify
cycle. RESET should initially be held high for at least two machine
cycles. P0.1 (PGM/) and P0.2 (VPP) will be at VOH as a result of the
RESET operation. At this point, these pins function as normal
quasi-bidirectional I/O ports and the programming equipment may
pull these lines low. However, prior to sending the 10-bit code on the
RESET pin, the programming equipment should drive these pins
high (VIH). The RESET pin may now be used as the serial data input
for the data stream which places the 87C749 in the programming
mode. Data bits are sampled during the clock high time and thus
should only change during the time that the clock is low. Following
transmission of the last data bit, the RESET pin should be held low.
Next the address information for the location to be programmed is
placed on port 3 and ASEL is used to perform the address
multiplexing, as previously described. At this time, port 1 functions
as an output.
A high voltage VPP level is then applied to the VPP input (P0.2).
(This sets Port 1 as an input port). The data to be programmed into
the EPROM array is then placed on Port 1. This is followed by a
series of programming pulses applied to the PGM/ pin (P0.1). These
pulses are created by driving P0.1 low and then high. This pulse is
repeated until a total of 25 programming pulses have occurred. At
the conclusion of the last pulse, the PGM/ signal should remain high.
The VPP signal may now be driven to the VOH level, placing the
87C749 in the verify mode. (Port 1 is now used as an output port).
After four machine cycles (48 clock periods), the contents of the
addressed location in the EPROM array will appear on Port 1.
The next programming cycle may now be initiated by placing the
address information at the inputs of the multiplexed buffers, driving
the VPP pin to the VPP voltage level, providing the byte to be
programmed to Port1 and issuing the 26 programming pulses on the
PGM/ pin, bringing VPP back down to the VC level and verifying the
byte.
Programming Modes
The 87C749 has four programming features incorporated within its
EPROM array. These include the USER EPROM for storage of the
application’s code, a 16-byte encryption key array and two security
bits. Programming and verification of these four elements are
selected by a combination of the serial data stream applied to the
RESET pin and the voltage levels applied to port pins P0.1 and
P0.2. The various combinations are shown in Table 3.
Encryption Key Table
The 87C749 includes a 16-byte EPROM array that is programmable
by the end user. The contents of this array can then be used to
encrypt the program memory contents during a program memory
verify operation. When a program memory verify operation is
performed, the contents of the program memory location is
XNOR’ed with one of the bytes in the 16-byte encryption table. The
resulting data pattern is then provided to port 1 as the verify data.
The encryption mechanism can be disable, in essence, by leaving
the bytes in the encryption table in their erased state (FFH) since
the XNOR product of a bit with a logical one will result in the original
bit. The encryption bytes are mapped with the code memory in
16-byte groups. the first byte in code memory will be encrypted with
the first byte in the encryption table; the second byte in code
memory will be encrypted with the second byte in the encryption
table and so forth up to and including the 16the byte. The encryption
repeats in 16-byte groups; the 17th byte in the code memory will be
encrypted with the first byte in the encryption table, and so forth.
Security Bits
Two security bits, security bit 1 and security bit 2, are provided to
limit access to the USER EPROM and encryption key arrays.
Security bit 1 is the program inhibit bit, and once programmed
performs the following functions:
1. Additional programming of the USER EPROM is inhibited.
2. Additional programming of the encryption key is inhibited.
3. Verification of the encryption key is inhibited.
4. Verification of the USER EPROM and the security bit levels may
still be performed.
(If the encryption key array is being used, this security bit should be
programmed by the user to prevent unauthorized parties from
reprogramming the encryption key to all logical zero bits. Such
programming would provide data during a verify cycle that is the
logical complement of the USER EPROM contents).
Security bit 2, the verify inhibit bit, prevents verification of both the
USER EPROM array and the encryption key arrays. The security bit
levels may still be verified.


Similar Part No. - 87C749

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C749 PHILIPS-87C749 Datasheet
200Kb / 22P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
More results

Similar Description - 87C749

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com