Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C749 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 87C749
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C749 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 87C749 Datasheet HTML 7Page - NXP Semiconductors 87C749 Datasheet HTML 8Page - NXP Semiconductors 87C749 Datasheet HTML 9Page - NXP Semiconductors 87C749 Datasheet HTML 10Page - NXP Semiconductors 87C749 Datasheet HTML 11Page - NXP Semiconductors 87C749 Datasheet HTML 12Page - NXP Semiconductors 87C749 Datasheet HTML 13Page - NXP Semiconductors 87C749 Datasheet HTML 14Page - NXP Semiconductors 87C749 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Philips Semiconductors
Preliminary specification
83C749/87C749
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
11
COUNTER/TIMER
The 8XC749 counter/timer is designated Timer 0 and is separate
from Timer I and from the PWM. Its operation is similar to mode 2 of
the 80C51 counter/timer, extended to 16 bits. When Timer 0 is used
in the external counter mode, the T0 input (P1.7) is sampled every
S4P1. The counter/timer function is controlled using the timer control
register (TCON).
TCON Register
MSB
LSB
GATE
C/T
TF
TR
IE0
IT0
IE1
IT1
Position Symbol
Function
TCON.7
GATE
1 – Timer 0 is enabled only when INT0 pin is
high and TR is 1.
0 – Timer 0 is enabled only when TR is 1.
TCON.6
C/T
1 – Counter operation from T0 pin.
0 – Timer operation from internal clock.
TCON.5
TF
1 – Set on overflow of T0.
0 – Cleared when processor vectors to interrupt
routine and by reset.
TCON.4
TR
1 – Enable timer 0
0 – Disable timer 0
TCON.3
IE0
1 – Edge detected on INT0
TCON.2
IT0
1 – INT0 is edge triggered.
0 – INT0 is level sensitive.
TCON.1
IE1
1 – Edge detected on INT1
TCON.0
IT1
1 – INT1 is edge triggered.
0 – INT1 is level sensitive.
These flags are functionally identical to the corresponding 80C51
flags except that there is only one of the 80C51 style timers, and the
flags are combined into one register.
Note that the positions of the IE0/IT0 and IE1/IT1 bits are
transposed from the positions used in the standard 80C51 TCON
register.
Timer I may be used as a fixed time base timer or watchdog timer.
Timer T0 is a 16-bit autoreloadable timer/counter, that operates
similar to mode 2 operation on the 80C51, but is extended to 16 bits.
The timer/counter is clocked by either 1/12 the oscillator frequency
or by transitions on the T0 pin. The C/T bit in special function
register TCON selects between these two modes. When the TCON
TR bit is set, the timer/counter is enabled. Register pair TH and TL
are incremented by the clock source. When the register pair
overflows, the register pair is reloaded with the values in registers
RTH and RTL. The value in the reload registers is left unchanged.
The TF bit in special function register TCON is set on counter
overflow and, if the interrupt is enabled, will generate an interrupt
(see Figure 3).
OSC
÷ 12
TL
TH
TF
RTL
RTH
T0 Pin
TR
Gate
INT0 Pin
Int.
C/T = 0
C/T = 1
Reload
SU00300
Figure 3. 83C749 Counter/Timer Block Diagram
ABSOLUTE MAXIMUM RATINGS1, 3, 4
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage from VCC to VSS
–0.5 to +6.5
V
Voltage from any pin to VSS (except VPP)
–0.5 to VCC + 0.5
V
Power dissipation
1.0
W
Voltage from VPP pin to VSS
–0.5 to + 13.0
V
NOTES ON PAGE 13.


Similar Part No. - 87C749

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C749 PHILIPS-87C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
More results

Similar Description - 87C749

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com