Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C552 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 87C552
Description  80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C552 Datasheet(HTML) 4 Page - NXP Semiconductors

  87C552 Datasheet HTML 1Page - NXP Semiconductors 87C552 Datasheet HTML 2Page - NXP Semiconductors 87C552 Datasheet HTML 3Page - NXP Semiconductors 87C552 Datasheet HTML 4Page - NXP Semiconductors 87C552 Datasheet HTML 5Page - NXP Semiconductors 87C552 Datasheet HTML 6Page - NXP Semiconductors 87C552 Datasheet HTML 7Page - NXP Semiconductors 87C552 Datasheet HTML 8Page - NXP Semiconductors 87C552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Philips Semiconductors
Product specification
87C552
80C51 8-bit microcontroller
8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
4
LOGIC SYMBOL
ADC0-7
CMT0
CMT1
CMSR0-5
RST
EW
XTAL1
XTAL2
EA/VPP
ALE/PROG
PSEN
AVref+
AVref–
STADC
PWM0
PWM1
LOW ORDER
ADDRESS AND
DATA BUS
CT0I
CT1I
CT2I
CT3I
T2
RT2
SCL
SDA
RxD/DATA
TxD/CLOCK
INT0
INT1
T0
T1
WR
RD
VSS
VDD
AVSS
AVDD
HIGH ORDER
ADDRESS AND
DATA BUS
SU00210
PIN CONFIGURATIONS
Pin
Function
1
P5.0/ADC0
2VDD
3
STADC
4
PWM0
5
PWM1
6EW
7
P4.0/CMSR0
8
P4.1/CMSR1
9
P4.2/CMSR2
10
P4.3/CMSR3
11
P4.4/CMSR4
12
P4.5/CMSR5
13
P4.6/CMT0
14
P4.7/CMT1
15
RST
16
P1.0/CT0I
17
P1.1/CT1I
18
P1.2/CT2I
19
P1.3/CT3I
20
P1.4/T2
21
P1.5/RT2
22
P1.6/SCL
23
P1.7/SDA
Pin
Function
24
P3.0/RxD
25
P3.1/TxD
26
P3.2/INT0
27
P3.3/INT1
28
P3.4/T0
29
P3.5/T1
30
P3.6/WR
31
P3.7/RD
32
NC
33
NC
34
XTAL2
35
XTAL1
36
VSS
37
VSS
38
NC
39
P2.0/A08
40
P2.1/A09
41
P2.2/A10
42
P2.3/A11
43
P2.4/A12
44
P2.5/A13
45
P2.6/A14
46
P2.7/A15
Pin
Function
47
PSEN
48
ALE/PROG
49
EA/VPP
50
P0.7/AD7
51
P0.6/AD6
52
P0.5/AD5
53
P0.4/AD4
54
P0.3/AD3
55
P0.2/AD2
56
P0.1/AD1
57
P0.0/AD0
58
AVref–
59
AVref+
60
AVSS
61
AVDD
62
P5.7/ADC7
63
P5.6/ADC6
64
P5.5/ADC5
65
P5.4/ADC4
66
P5.3/ADC3
67
P5.2/ADC2
68
P5.1/ADC1
SU00208
91
61
60
44
43
27
26
10
PLASTIC
LEADED
CHIP CARRIER
PLASTIC QUAD FLAT PACK PIN FUNCTIONS
Pin
Function
1
P4.1/CMSR1
2
P4.2/CMSR2
3NC
4
P4.3/CMSR3
5
P4.4/CMSR4
6
P4.5/CMSR5
7
P4.6/CMT0
8
P4.7/CMT1
9
RST
10
P1.0/CT0I
11
P1.1/CT1I
12
P1.2/CT2I
13
P1.3/CT3I
14
P1.4/T2
15
P1.5/RT2
16
P1.6/SCL
17
P1.7/SDA
18
P3.0/RxD
19
P3.1/TxD
20
P3.2/INT0
Pin
Function
21
NC
22
NC
23
P3.3/INT1
24
P3.4/T0
25
P3.5/T1
26
P3.6/WR
27
P3.7/RD
28
NC
29
NC
30
NC
31
XTAL2
32
XTAL1
33
IC
34
VSS
35
VSS
36
VSS
37
NC
38
P2.0/A08
39
P2.1/A09
40
P2.2/A10
Pin
Function
41
P2.3/A11
42
P2.4/A12
43
NC
44
NC
45
P2.5/A13
46
P2.6/A14
47
P2.7/A15
48
PSEN
49
ALE/PROG
50
EA/VPP
51
P0.7/AD7
52
P0.6/AD6
53
P0.5/AD5
54
P0.4/AD4
55
P0.3/AD3
56
P0.2/AD2
57
P0.1/AD1
58
P0.0/AD0
59
AVref–
60
AVref+
Pin
Function
61
AVSS
62
NC
63
AVDD
64
P5.7/ADC7
65
P5.6/ADC6
66
P5.5/ADC5
67
P5.4/ADC4
68
P5.3/ADC3
69
P5.2/ADC2
70
P5.1/ADC1
71
P5.0/ADC0
72
VDD
73
IC
74
STADC
75
PWM0
76
PWM1
77
EW
78
NC
79
NC
80
P4.0/CMSR0
SU00209
PQFP
80
65
1
24
64
41
25
40
NC = Not Connected
IC = Internally Connected (do not use)


Similar Part No. - 87C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C550 PHILIPS-87C550 Datasheet
190Kb / 28P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
87C554 PHILIPS-87C554 Datasheet
400Kb / 76P
80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
More results

Similar Description - 87C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C552 PHILIPS-P87C552 Datasheet
368Kb / 74P
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
1999 Mar 30
P87C554 PHILIPS-P87C554 Datasheet
394Kb / 77P
80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
2002 Mar 25
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
80C554 PHILIPS-80C554 Datasheet
400Kb / 76P
80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
logo
Microchip Technology
PIC16F716-I-P MICROCHIP-PIC16F716-I-P Datasheet
2Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
logo
NXP Semiconductors
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
logo
Microchip Technology
PIC16F716-I MICROCHIP-PIC16F716-I Datasheet
1Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com