Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C552 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 87C552
Description  80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C552 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 87C552 Datasheet HTML 12Page - NXP Semiconductors 87C552 Datasheet HTML 13Page - NXP Semiconductors 87C552 Datasheet HTML 14Page - NXP Semiconductors 87C552 Datasheet HTML 15Page - NXP Semiconductors 87C552 Datasheet HTML 16Page - NXP Semiconductors 87C552 Datasheet HTML 17Page - NXP Semiconductors 87C552 Datasheet HTML 18Page - NXP Semiconductors 87C552 Datasheet HTML 19Page - NXP Semiconductors 87C552 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Philips Semiconductors
Product specification
87C552
80C51 8-bit microcontroller
8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
16
40
30
20
10
12
416
8
f (MHz)
(1)
NOTE:
These values are valid only within the frequency
specifications of the device under test.
IDD mA
50
0
0
(2)
(3)
(4)
(1) Maximum operating mode; VDD = 6V
(2) Maximum operating mode; VDD = 4V
(3) Maximum idle mode; VDD = 6V
(4) Maximum idle mode; VDD = 4V
SU00217
Figure 10. 16MHz Version Supply Current (IDD) as a Function of Frequency at XTAL1 (fOSC)
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
VDD
P1.6
P1.7
STADC
AVSS
AVref–
EW
SU00218
Figure 11. IDD Test Condition, Active Mode
All other pins are disconnected1
1. Active Mode:
a. The following pins must be forced to VDD: EA, RST, Port 0, and EW.
b. The following pins must be forced to VSS: STADC, AVss, and AVref–.
c. Ports 1.6 and 1.7 should be connected to VDD through resistors of sufficiently high value such that the sink current into these pins cannot
exceed the IOL1 spec of these pins.
d. The following pins must be disconnected: XTAL2 and all pins not specified above.


Similar Part No. - 87C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C550 PHILIPS-87C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
87C554 PHILIPS-87C554 Datasheet
400Kb / 76P
   80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
More results

Similar Description - 87C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C552 PHILIPS-P87C552 Datasheet
368Kb / 74P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
1999 Mar 30
P87C554 PHILIPS-P87C554 Datasheet
394Kb / 77P
   80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
2002 Mar 25
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
80C554 PHILIPS-80C554 Datasheet
400Kb / 76P
   80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
logo
Microchip Technology
PIC16F716-I-P MICROCHIP-PIC16F716-I-P Datasheet
2Mb / 136P
   8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
logo
NXP Semiconductors
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
logo
Microchip Technology
PIC16F716-I MICROCHIP-PIC16F716-I Datasheet
1Mb / 136P
   8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com