Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C552 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 87C552
Description  80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C552 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 87C552 Datasheet HTML 10Page - NXP Semiconductors 87C552 Datasheet HTML 11Page - NXP Semiconductors 87C552 Datasheet HTML 12Page - NXP Semiconductors 87C552 Datasheet HTML 13Page - NXP Semiconductors 87C552 Datasheet HTML 14Page - NXP Semiconductors 87C552 Datasheet HTML 15Page - NXP Semiconductors 87C552 Datasheet HTML 16Page - NXP Semiconductors 87C552 Datasheet HTML 17Page - NXP Semiconductors 87C552 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Philips Semiconductors
Product specification
87C552
80C51 8-bit microcontroller
8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
14
tLLAX
ALE
PSEN
PORT 0
PORT 2
WR
A0–A7
FROM RI OR DPL
DATA OUT
A0–A7 FROM PCL
INSTR IN
P2.0–P2.7 OR A8–A15 FROM DPH
A8–A15 FROM PCH
tWHLH
tLLWL
tWLWH
tAVLL
tAVWL
tQVWX
tWHQX
tDW
SU00213
Figure 4. External Data Memory Write Cycle
0.8V
tLOW
tHIGH
VIH1
VIH1
0.8V
tCLCL
tr
tf
VIH1
VIH1
0.8V
0.8V
SU00214
Figure 5. External Clock Drive XTAL1
0
1
2
3
4
5
678
INSTRUCTION
ALE
CLOCK
OUTPUT DATA
WRITE TO SBUF
INPUT DATA
CLEAR RI
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
SET TI
SET RI
tXLXL
tQVXH
tXHQX
tXHDX
tXHDV
SU00027
12
3
0
456
7
Figure 6. Shift Register Mode Timing


Similar Part No. - 87C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C550 PHILIPS-87C550 Datasheet
190Kb / 28P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
87C554 PHILIPS-87C554 Datasheet
400Kb / 76P
80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
More results

Similar Description - 87C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C554 PHILIPS-80C554 Datasheet
400Kb / 76P
80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
P87C552 PHILIPS-P87C552 Datasheet
368Kb / 74P
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
1999 Mar 30
P87C554 PHILIPS-P87C554 Datasheet
394Kb / 77P
80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
2002 Mar 25
logo
Microchip Technology
PIC16F716-I-P MICROCHIP-PIC16F716-I-P Datasheet
2Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
PIC16F716-I MICROCHIP-PIC16F716-I Datasheet
1Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com