Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C552 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 87C552
Description  80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C552 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 87C552 Datasheet HTML 6Page - NXP Semiconductors 87C552 Datasheet HTML 7Page - NXP Semiconductors 87C552 Datasheet HTML 8Page - NXP Semiconductors 87C552 Datasheet HTML 9Page - NXP Semiconductors 87C552 Datasheet HTML 10Page - NXP Semiconductors 87C552 Datasheet HTML 11Page - NXP Semiconductors 87C552 Datasheet HTML 12Page - NXP Semiconductors 87C552 Datasheet HTML 13Page - NXP Semiconductors 87C552 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Philips Semiconductors
Product specification
87C552
80C51 8-bit microcontroller
8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
10
1
0
2
3
4
5
6
7
1018
1019
1020
1021
1022
1023
1
2
3
4
5
6
7
1018
1019
1020
1021
1022
1023
1024
Code
Out
(2)
(1)
(5)
(4)
(3)
1 LSB
(ideal)
Offset
error
OSe
Offset
error
OSe
Gain
error
Ge
AVIN (LSBideal)
1 LSB =
AVREF+ AVREF–
1024
(1) Example of an actual transfer curve.
(2) The ideal transfer curve.
(3) Differential non-linearity (DLe).
(4) Integral non-linearity (ILe).
(5) Center of a step of the actual transfer curve.
SU00212
Figure 1. ADC Conversion Characteristic


Similar Part No. - 87C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C550 PHILIPS-87C550 Datasheet
190Kb / 28P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
87C554 PHILIPS-87C554 Datasheet
400Kb / 76P
80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
More results

Similar Description - 87C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C552 PHILIPS-P87C552 Datasheet
368Kb / 74P
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
1999 Mar 30
P87C554 PHILIPS-P87C554 Datasheet
394Kb / 77P
80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
2002 Mar 25
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
80C554 PHILIPS-80C554 Datasheet
400Kb / 76P
80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
logo
Microchip Technology
PIC16F716-I-P MICROCHIP-PIC16F716-I-P Datasheet
2Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
logo
NXP Semiconductors
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
logo
Microchip Technology
PIC16F716-I MICROCHIP-PIC16F716-I Datasheet
1Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com