Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0553-6500-17 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0553-6500-17
Description  T1/CEPT Single Line Interface Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0553-6500-17 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0553-6500-17 Datasheet HTML 1Page - Bel Fuse Inc. 0553-6500-17 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2000 Bel Fuse Inc.
Specifications subject to change without notice. 05.00
TM00109
T1-20
T1/CEPT Single Line Interface Transformers
MECHANICAL
0553-6500-17
0553-6500-18
0553-6500-19
0553-6500-20
0553-6500-21
0553-6500-22
0553-6500-23
0553-6500-24
SCHEMATICS
0553-6500-22
0553-6500-23
0553-6500-24
10
6
1
Primary
Secondary
5
2
4
10
8
6
1
3
Primary
Secondary
2
5
4
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.010 [0.25] unless otherwise noted.
Leads are 22 AWG.
1
2
3
4
5
10
9
8
7
6
0.558
[14.12]
max
0.558
[14.12]
max
0.130
[3.30]
0.400
[10.12]
max
0.400
[10.12]
0.400
[10.12]
0.100
[2.50]
0.200
[5.08]


Similar Part No. - 0553-6500-17

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
59Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS ENHANCED 3000VRMS ISOLATION
More results

Similar Description - 0553-6500-17

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
T1/CEPT Dual Line Interface Transformers
S553-0013-04 BEL-S553-0013-04 Datasheet
69Kb / 1P
SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
S553-0013-00 BEL-S553-0013-00 Datasheet
78Kb / 1P
SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
A553-0013-00 BEL-A553-0013-00 Datasheet
118Kb / 2P
T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
logo
TALEMA Group. LLC
19794 TALEMA-19794 Datasheet
41Kb / 1P
E1/T1/PRI/CEPT Single Interface Transformers
19649 TALEMA-19649 Datasheet
38Kb / 1P
E1/T1/PRI/CEPT Single Interface Transformers
logo
Rhombus Industries Inc.
T-14700 RHOMBUS-IND-T-14700 Datasheet
46Kb / 1P
Single T1/CEPT Transformers
logo
PCA ELECTRONICS INC.
EPR1541 PCA-EPR1541 Datasheet
47Kb / 1P
T1/CEPT Line Interface Transformers
logo
Bel Fuse Inc.
S553-0013-00 BEL-S553-0013-00_1 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
S553-3855-02 BEL-S553-3855-02_1 Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com