Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83C752 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 83C752
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C752 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 83C752 Datasheet HTML 6Page - NXP Semiconductors 83C752 Datasheet HTML 7Page - NXP Semiconductors 83C752 Datasheet HTML 8Page - NXP Semiconductors 83C752 Datasheet HTML 9Page - NXP Semiconductors 83C752 Datasheet HTML 10Page - NXP Semiconductors 83C752 Datasheet HTML 11Page - NXP Semiconductors 83C752 Datasheet HTML 12Page - NXP Semiconductors 83C752 Datasheet HTML 13Page - NXP Semiconductors 83C752 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Philips Semiconductors
Product specification
83C752/87C752
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
10
Special Function Register Addresses
Special function registers for the 8XC752 are identical to those of
the 80C51, except for the changes listed below:
80C51 special function registers not present in the 8XC752 are
TMOD (89), P2 (A0) and IP (B8). The 80C51 registers TH1, TL1,
SCON, and SBUF are replaced with the 8XC752 registers RTH,
RTL, I2CON, and I2DAT, respectively. Additional special function
registers are I2CFG (D8) and I2STA (FB), ADCON (A0), ADAT (84),
PWM (8E), PWMP (8F), and PWENA (FE). See Table 3.
A/D Converter
The analog input circuitry consists of a 5-input analog multiplexer and
an A to D converter with 8-bit resolution. The conversion takes 40
machine cycles, i.e., 40
µs at 12MHz oscillator frequency. The A/D
converter is controlled using the ADCON control register. Input
channels are selected by the analog multiplexer through ADCON
register bits 0–2.
The 83C752 contains a five-channel multiplexed 8-bit A/D converter.
The conversion requires 40 machine cycles (40
µs at 12MHz
oscillator frequency).
The A/D converter is controlled by the A/D control register, ADCON.
Input channels are selected by the analog multiplexer by bits
ADCON.0 through ADCON.2. The ADCON register is not bit
addressable.
ADCON Register
MSB
LSB
X
X
ENADC
ADCI
ADCS
AADR2
AADR1
AADR0
ADCI
ADCS
Operation
0
0
ADC not busy, a conversion can be started.
0
1
ADC busy, start of a new conversion is blocked.
1
0
Conversion completed, start of a new conversion is
blocked.
1
1
Not possible.
INPUT CHANNEL SELECTION
ADDR2
ADDR1
ADDR0
INPUT PIN
0
0
0
P1.0
0
0
1
P1.1
0
1
0
P1.2
0
1
1
P1.3
1
0
0
P1.4
Position
Symbol
Function
ADCON.5
ENADC
Enable A/D function when ENADC = 1. Reset
forces ENADC = 0.
ADCON.4
ADCI
ADC interrupt flag. This flag is set when an
ADC conversion is complete. If IE.6 = 1, an
interrupt is requested when ADCI = 1. The
ADCI flag is cleared when conversion data is
read. This flag is read only.
ADCON.3
ADCS
ADC start. Setting this bit starts an A/D
conversion. Once set, ADCS remains high
throughout the conversion cycle. On
completion of the conversion, it is reset just
before the ADCI interrupt flag is cleared.
ADCS cannot be reset by software. ADCS
should not be used to monitor the A/D
converter status. ADCI should be used for this
purpose.
ADCON.2
AADR2
Analog input select.
ADCON.1
AADR1
Analog input select.
ADCON.0
AADR0
Analog input select. This binary coded
address selects one of the five analog input
port pins of P1 to be input to the converter. It
can only be changed when ADCI and ADCS
are both low. AADR2 is the most significant
bit.
The completion of the 8-bit ADC conversion is flagged by ADCI in
the ADCON register, and the result is stored in the special function
register ADAT.
An ADC conversion in progress is unaffected by an ADC start. The
result of a completed conversion remains unaffected provided ADCI
remains at a logic 1. While ADCS is a logic 1 or ADCI is a logic 1, a
new ADC START will be blocked and consequently lost. An ADC
conversion in progress is aborted when the idle or power-down
mode is entered. The result of a completed conversion (ADCI = logic
1) remains unaffected when entering the idle mode. See Figure 2 for
an A/D input equivalent circuit.
The analog input pins ADC0-ADC4 may be used as digital inputs
and outputs when the A/D converter is disabled by a 0 in the
ENADC bit in ADCON. When the A/D is enabled, the analog input
channel that is selected by the ADDR2-ADDR0 bits in ADCON
cannot be used as a digital input. Reading the selected A/D channel
as a digital input will always return a 1. The unselected A/D inputs
may always be used as digital inputs. Unselected analog inputs will
be floating and may not be used as digital outputs.
The A/D reference inputs on the 8XC752 are tied together with the
analog supply pins AVCC and AVSS. This means that the reference
voltage on the A/D cannot be varied separately from the analog
supply pins. AVSS must be connected to 0V and AVCC must be
connected to a supply voltage between 4.5V and 5.5V. A/D
measurements may be made in the range of 4.5V to 5.5V.
Increasing the voltage on the A/D ground reference above 0V or
reducing the voltage on the positive A/D reference below 4.5V is not
permitted.


Similar Part No. - 83C752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C752 PHILIPS-83C752 Datasheet
181Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
More results

Similar Description - 83C752

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com