Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83C453 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 83C453
Description  80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C453 Datasheet(HTML) 4 Page - NXP Semiconductors

  83C453 Datasheet HTML 1Page - NXP Semiconductors 83C453 Datasheet HTML 2Page - NXP Semiconductors 83C453 Datasheet HTML 3Page - NXP Semiconductors 83C453 Datasheet HTML 4Page - NXP Semiconductors 83C453 Datasheet HTML 5Page - NXP Semiconductors 83C453 Datasheet HTML 6Page - NXP Semiconductors 83C453 Datasheet HTML 7Page - NXP Semiconductors 83C453 Datasheet HTML 8Page - NXP Semiconductors 83C453 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Philips Semiconductors
Preliminary specification
83C453/87C453
80C51 8-bit microcontroller family
8K/256 OTP/ROM, expanded I/O
1998 Apr 23
4
LOGIC SYMBOL
ADDRESS AND
DATA BUS
ADDRESS BUS
RxD
TxD
INT0
INT1
T0
T1
WR
RD
RST
EA/VPP
PSEN
ALE/PROG
VSS
VCC
XTAL1
XTAL2
PORT 6 CONTROL
ODS
IDS
BFLAG
AFLAG
SU00085
LCC PIN FUNCTIONS
LCC
91
61
10
26
60
44
27
43
Pin
Function
1EA/VPP
2
P2.0/A8
3
P2.1/A9
4
P2.2/A10
5
P2.3/A11
6
P2.4/A12
7
P2.5/A13
8
P2.6/A14
9
P2.7/A15
10
P0.7/AD7
11
P0.6/AD6
12
P0.5/AD5
13
P0.4/AD4
14
P0.3/AD3
15
P0.2/AD2
16
P0.1/AD1
17
P0.0/AD0
18
VCC
19
P4.7
20
P4.6
21
P4.5
22
P4.4
23
P4.3
Pin
Function
24
P4.2
25
P4.1
26
P4.0
27
P1.0
28
P1.1
29
P1.2
30
P1.3
31
P1.4
32
P1.5
33
P1.6
34
P1.7
35
RST
36
P3.0/RxD
37
P3.1/TxD
38
P3.2/INTO
39
P3.3/INT1
40
P3.4/T0
41
P3.5/T1
42
P3.6/WR
43
P3.7/RD
44
P5.0
45
P5.1
46
P5.2
Pin
Function
47
P5.3
48
P5.4
49
P5.5
50
P5.6
51
P5.7
52
XTAL2
53
XTAL1
54
VSS
55
ODS
56
IDS
57
BFLAG
58
AFLAG
59
P6.0
60
P6.1
61
P6.2
62
P6.3
63
P6.4
64
P6.5
65
P6.6
66
P6.7
67
PSEN
68
ALE/PROG
SU00157


Similar Part No. - 83C453

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C453 PHILIPS-83C453 Datasheet
262Kb / 23P
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
More results

Similar Description - 83C453

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
87C552 PHILIPS-87C552 Datasheet
193Kb / 24P
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com