Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

242117113 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 242117113
Description  WE-D-SUB Filter Bent 90° SMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

242117113 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  242117113 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 242117113 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 242117113 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 242117113 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 242117113 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 242117113 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Classification Reflow Soldering Profile:
Profile Feature
Value
Preheat Temperature Min
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
Tp ≤ Tc, see Table below
Time within 5°C of actual peak
temperature
t p
20 - 30 seconds
Ramp-down Rate (TP to TL)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
refer to IPC/ JEDEC J-STD-020E
Package Classification Reflow Temperature (Tc):
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness
< 1.6 mm
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness
1.6 mm - 2.5 mm
260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness
> 2.5 mm
250 °C
245 °C
245 °C
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
LuRa
001.001
2020-09-22
DIN ISO 2768-1m
DESCRIPTION
WE-D-SUB Filter Bent 90° SMT
ORDER CODE
242117113
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
plug connector
eiSos
Valid
4/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 242117113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24211102 TOSHIBA-24211102 Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
24211102 TOSHIBA-24211102 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
24211222 TOSHIBA-24211222 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
More results

Similar Description - 242117113

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
246617113 WURTH-246617113 Datasheet
365Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
240617113 WURTH-240617113 Datasheet
351Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
246117113 WURTH-246117113 Datasheet
354Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
244117113 WURTH-244117113 Datasheet
352Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
240117113 WURTH-240117113 Datasheet
344Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
242617113 WURTH-242617113 Datasheet
355Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
244617113 WURTH-244617113 Datasheet
365Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
212112043 WURTH-212112043 Datasheet
349Kb / 6P
   WE-D-SUB Filter Bent 90° THT
001.001
210612043 WURTH-210612043 Datasheet
350Kb / 6P
   WE-D-SUB Filter Bent 90° THT
001.001
216612013 WURTH-216612013 Datasheet
382Kb / 6P
   WE-D-SUB Filter Bent 90° THT
001.001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com