Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32U535CB/CC/CE Datasheet(PDF) 180 Page - STMicroelectronics

Part # STM32U535CB/CC/CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CB/CC/CE Datasheet(HTML) 180 Page - STMicroelectronics

Back Button STM32U535CB/CC/CE Datasheet HTML 176Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 177Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 178Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 179Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 180Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 181Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 182Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 183Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 278 page
background image
Electrical characteristics
STM32U535xx
180/278
DS14217 Rev 1
twu(Stop 2)
Wake-up time from
Stop 2 to Run mode
All SRAMs retained
Wake-up in FLASH,
SRAM4FWU = 1 in
PWR_CR2
MSI 24 MHz
20.0
23.0
µs
Wake-up in FLASH,
SRAM4FWU = 0 in
PWR_CR2
MSI 24 MHz
23.0
25.0
HSI 16 MHz
22.5
25.0
MSI 1 MHz
57.0
60.0
Wake-up in SRAM2,
range 4, SRAM4FWU = 0
in PWR_CR2
MSI 24 MHz
16.5
19.0
HSI 16 MHz
18.5
21.0
MSI 1 MHz
54.0
57.0
twu(Stop 3)
Wake-up time from
Stop 3 to Run mode
All SRAMs retained
Wake-up in FLASH,
FSTEN = 0 in PWR_CR3
MSI 24 MHz
68.0
130
Wake-up in FLASH,
FSTEN = 1 in PWR_CR3
MSI 24 MHz
28.5
37.0
HSI 16 MHz
28.0
36.0
MSI 1 MHz
68.5
91.0
Wake-up in SRAM2,
range 4, FLASHFWU = 0
and SRAM4FWU = 0 in
PWR_CR2
MSI 24 MHz
22.5
31.0
HSI 16 MHz
24.0
32.0
MSI 1 MHz
64.5
85.0
twu(Standby
with SRAM2)
Wake-up time from
Standby with SRAM2
to Run mode
Wake-up in FLASH,
FSTEN = 0 in PWR_CR3
MSI 4 MHz
64.5
110
Wake-up in FLASH,
FSTEN = 1 in PWR_CR3
MSI 4 MHz
64.5
83.0
MSI 1 MHz
155
240
twu(Standby)
Wake-up time from
Standby to Run mode
Wake-up in FLASH,
FSTEN = 0 in PWR_CR3
MSI 4 MHz
340
420
Wake-up in FLASH,
FSTEN = 1 in PWR_CR3
MSI 4 MHz
100
130
MSI 1 MHz
210
290
twu(Shutdown)
Wake-up time from
Shutdown to Run mode
-
MSI 4 MHz
610
710
1. Evaluated by characterization and not tested in production, unless otherwise specified.
Table 72. Low-power mode wake-up timings on LDO(1) (continued)
Mode
Parameter
Conditions
Typ
(3 V, 30 °C)
Max
(3 V)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com