Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32U535CB/CC/CE Datasheet(PDF) 174 Page - STMicroelectronics

Part # STM32U535CB/CC/CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CB/CC/CE Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32U535CB/CC/CE Datasheet HTML 170Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 171Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 172Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 173Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 174Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 175Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 176Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 177Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 278 page
background image
Electrical characteristics
STM32U535xx
174/278
DS14217 Rev 1
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the table below. The MCU is
placed under the following conditions:
•
All I/O pins are in analog mode.
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
The ambient operating temperature and supply voltage conditions are summarized
in Table 32.
•
The power consumption of the digital part of the on-chip peripherals is given in the table
below. The power consumption of the analog part of the peripherals (where applicable)
is indicated in each related section of the datasheet.
Table 71. Typical dynamic current consumption of peripherals
Bus
Peripheral
LDO
SMPS
Unit
Range
1
Range
2
Range
3
Range
4
Stop
1/2
Range
1
Range
2
Range
3
Range
4
Stop
1/2
AHB1
1.50
1.37
1.23
1.12
-
0.81
0.68
0.58
0.42
-
µA/
MHz
BKPSRAM
1.09
1.01
0.92
0.83
-
0.60
0.51
0.43
0.31
-
CORDIC
0.89
0.82
0.75
0.67
-
0.49
0.41
0.35
0.25
-
CRC
0.54
0.50
0.46
0.41
-
0.30
0.25
0.21
0.16
-
DCACHE1
0.65
0.60
0.55
0.49
-
0.36
0.30
0.25
0.19
-
FLASH
2.33
2.13
1.94
1.74
-
1.26
1.07
0.89
0.65
-
FMAC
2.18
1.99
1.82
1.64
-
1.18
1.00
0.84
0.61
-
GPDMA1
3.19
2.91
2.64
2.39
-
1.72
1.46
1.23
0.89
-
GTZC1
0.13
0.13
0.12
0.11
-
0.08
0.06
0.05
0.04
-
ICACHE
0.46
0.43
0.39
0.35
-
0.26
0.21
0.18
0.13
-
MDF1
2.85
2.60
2.37
2.13
-
1.54
1.30
1.10
0.80
-
MDF1 indep(1)
0.57
0.52
0.47
0.43
-
0.31
0.26
0.22
0.16
-
RAMCFG
1.30
1.20
1.09
0.98
-
0.71
0.60
0.50
0.37
-
SRAM1
0.97
0.89
0.81
0.73
-
0.53
0.45
0.38
0.28
-
TSC
0.90
0.83
0.76
0.68
-
0.49
0.42
0.34
0.26
-
ADC1
2.32
2.13
1.93
1.74
-
1.25
1.06
0.91
0.65
-
ADC1 indep(1)
0.96
0.87
0.79
0.71
-
0.52
0.44
0.37
0.27
-
AES
2.34
2.13
1.93
1.74
-
1.26
1.06
0.90
0.66
-
AHB2
1.36
1.26
1.13
1.02
-
0.74
0.63
0.53
0.39
-
DCMI
4.79
4.38
3.98
3.59
-
2.59
2.19
1.86
1.35
-
GPIOA
0.11
0.10
0.09
0.08
-
0.06
0.05
0.04
0.03
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com