Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32U535CB/CC/CE Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32U535CB/CC/CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CB/CC/CE Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32U535CB/CC/CE Datasheet HTML 123Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 124Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 125Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 126Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 127Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 128Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 129Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 130Page - STMicroelectronics STM32U535CB/CC/CE Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 278 page
background image
DS14217 Rev 1
127/278
STM32U535xx
Electrical characteristics
253
5.1.6
Power supply scheme
Figure 23. STM32U535xx power supply scheme (without SMPS)
MSv64358V3
VDDIO2
VDD
I/O
logic
Kernel logic
(CPU, digital
and
memories)
Backup circuitry
(LSE, RTC, TAMP
backup registers,
backup SRAM)
IN
OUT
LDO
regulator
GPIOs
1.65 – 3.6 V
IN
OUT
GPIOs
n x 100 nF
+ 1 x 10 μF
m x 100 nF
I/O
logic
+ 4.7 μF
m x VDDIO2
m x VSS
n x VSS
n x VDD
VBAT
VCORE
Power switch
VDDIO2
VDDIO1
ADCs/
DACs/
OPAMPs/
COMPs/
VREFBUF
VREF+
VREF-
VDDA
100 nF
+1 μF
VDDA
VSSA
VREF
100 nF+ 1 μF
VCORE
4.7 μF
VCAP
VDDUSB
VDDUSB
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com