Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S450-0040-02 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S450-0040-02
Description  5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S450-0040-02 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S450-0040-02 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: Belfuse@compuserve.com
Internet: http://www.belfuse.com
Specifications subject to change without notice.
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
Cat 10-R3
20
Other Delays and Tolerances Available
Consult Sales
Transfer molded for better reliability
Compatible with CMOS & HCMOS circuits
Terminals: Electro-Tin plate phosphor bronze
Performance warranty is limited to specified parameters listed
SMD - Tape & Reel available:
32mm Wide x 16mm Pitch, 500 pieces per 13" reel
Test Conditions @ 25oC
Electrical Characteristics
Drive Capabilities
Nh Logic 1 Fanout
-
10 LSTTL Loads Max.
Nl
Logic 0 Fanout
-
10 LSTTL Loads Max.
5.0 Volts
6.0 ns (10%-90%)
1.2 x Total Delay
4 x Pulse Width
25 ma Typical
5.0 Volts
Max.
5.25
Vcc
Vcc
0.9
0.1
0.4
1
-1
40
30
85o
50
Units
V
V
V
V
V
V
V
V
V
ua
ua
ua
ma
C
%
%
Min.
4.75
0
0
3.15
4.40
3.84
-40o
40
100 + (25000/TD) PPM/OC
Input to Taps + 2 ns or 5% , Whichever is Greater
Tap to Tap + 2 ns or 7% , Whichever is Greater
Delays measured @ 50% levels on Leading Edge only
with no loads on Taps
Rise and Fall Times measured from 10% to 90% levels
Tolerances
8 ns
8 ns
8 ns
8 ns
8 ns
8 ns
8 ns
8 ns
8 ns
8 ns
8 ns
8 ns
8 ns
Part Numbers
300o C
Time in Minutes
for 90 Seconds Max
> 185o C
225o C Max Temp.
Infra Red
0
200o C
100o C
8
6
4
2
SMD
Thru-Hole
Recommended Temperature Profile
Notes
S450-0025-02
S450-0030-02
S450-0040-02
S450-0050-02
S450-0060-02
S450-0070-02
S450-0075-02
S450-0080-02
S450-0090-02
S450-0100-02
S450-0125-02
S450-0150-02
S450-0200-02
A450-0025-02
A450-0030-02
A450-0040-02
A450-0050-02
A450-0060-02
A450-0070-02
A450-0075-02
A450-0080-02
A450-0090-02
A450-0100-02
A450-0125-02
A450-0150-02
A450-0200-02
Total
Delay
Delay
per Tap
25 ns
30 ns
40 ns
50 ns
60 ns
70 ns
75 ns
80 ns
90 ns
100 ns
125 ns
150 ns
200 ns
5 ns
6 ns
8 ns
10 ns
12 ns
14 ns
15 ns
16 ns
18 ns
20 ns
25 ns
30 ns
40 ns
Vcc
Vin
Vout
Vih
Vil
Voh
Vol
Iih
Iil
Icch
Iccl
Ta
PW
d
Tc
Supply Voltage
DC Input Voltage
DC Output Voltage
Logic 1 Input Voltage
Logic 0 Input Voltage
Logic 1 Output Voltage, @ 20 ua
Logic 1 Output Voltage, @ 4 ma
Logic 0 Output voltage, @ -20 ua
Logic 0 Output Voltage, @ -4 ma
Logic 1 Input Current
Logic 0 Input Current
Logic 1 Supply Current
Logic 0 Supply Current
Operating Free Air Temperature
Min. Input Pulse Width of Total Delay
Maximum Duty Cycle
Temp. Coeff. of Total Delay (TD)
Ein
Trin
PW
PP
Iccl
Vcc
Pulse Voltage
Rise Time
Pulse Width
Pulse Period
Supply Current
Supply Voltage
*
4o
.285 Max
.20 Max
.015 Min
.325
.23 Max
.018
.045
.80 Max
bel (DC)
(P/N)
100o
90o
.012
.008
.22 Max
.018
.015
.80 Max
bel (DC)
(P/N)
.375
.350
.285 Max
.008
.030
.004
.012
.30
.20
.20 Typ
.10
Vcc 14
In 1
Gnd 7
12 4 10 6 8
.30
.20
.20 Typ
.10
.12 Min
Coplanarity + .002
HIGH -SPEED CMOS DELAY MODULES
5 TAP LEADING EDGE CONTROL
Rise
Time


Similar Part No. - S450-0040-02

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S450-0040-02 BEL-S450-0040-02 Datasheet
42Kb / 1P
   5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
More results

Similar Description - S450-0040-02

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S450-0025-02 BEL-S450-0025-02_10 Datasheet
42Kb / 1P
   5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
S423-0025-02 BEL-S423-0025-02 Datasheet
62Kb / 1P
   5 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
S493-0025-02 BEL-S493-0025-02 Datasheet
62Kb / 1P
   5 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
S497-0025-02 BEL-S497-0025-02 Datasheet
63Kb / 1P
   5 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
S422-0025-02 BEL-S422-0025-02 Datasheet
63Kb / 1P
   5 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
0462-0025-02 BEL-0462-0025-02 Datasheet
56Kb / 1P
   5 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
S473-0025-02 BEL-S473-0025-02 Datasheet
47Kb / 1P
   5 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
S459-0006-02 BEL-S459-0006-02 Datasheet
64Kb / 1P
   5 TAP LEADING EDGE CONTROL 10KH ECL DELAY MODULES
S477-0025-02 BEL-S477-0025-02 Datasheet
48Kb / 1P
   5 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
S422-0025-10 BEL-S422-0025-10 Datasheet
67Kb / 1P
   10 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com