Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5103B Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HFCT-5103B
Description  SC Duplex Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5103B Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HFCT-5103B Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFCT-5103B Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5103B Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5103B Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5103B Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5103B Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5103B Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5103B Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Connection Diagram
Pin Descriptions:
Pin 1 Receiver Signal Ground VEER:
Directly connect this pin to the
receiver ground plane.
Pin 2 Receiver Data Out RD:
See recommended circuit
schematic, Figure 4.
Pin 3 Receiver Data Out Bar RD:
See recommended circuit
schematic, Figure 4.
Pin 4 Signal Detect SD:
Normal optical input levels to the
receiver result in a logic “1”
output.
Low optical input levels to the
receiver result in a fault condition
indicated by a logic “0” output.
This Signal Detect output can be
used to drive a PECL input on an
upstream circuit, such as Signal
Detect input or Loss of Signal-bar.
Pin 5 Receiver Power Supply VCCR:
Provide +5 V dc via the
recommended transmitter power
supply filter circuit. Locate the
power supply filter circuit as close
as possible to the VCC pin.
Pin 6 Transmitter Power Supply VCCT:
Provide +5 V dc via the
recommended transmitter power
supply filter circuit. Locate the
power supply filter circuit as close
as possible to the VCC pin.
Pin 7 Transmitter Data In Bar TD:
See recommended circuit
schematic, Figure 4.
Pin 8 Transmitter Data In TD:
See recommended circuit
schematic, Figure 4.
Pin 9 Transmitter Signal Ground VEET:
Directly connect this pin to the
transmitter ground plane.
Mounting Studs
The mounting studs are provided
for mechanical attachment to the
circuit board. They are embedded
in the nonconductive plastic
housing and are not tied to the
transceiver internal circuit and
should be soldered into
plated-through holes on the
printed circuit board.
RECEIVER SIGNAL GROUND
RECEIVER DATA OUT
RECEIVER DATA OUT BAR
SIGNAL DETECT
RECEIVER POWER SUPPLY
TRANSMITTER POWER SUPPLY
TRANSMITTER DATA IN BAR
TRANSMITTER DATA IN
TRANSMITTER SIGNAL GROUND
o
o
o
o
o
o
o
o
o
1
2
3
4
5
6
7
8
9
Top View
N/C
N/C


Similar Part No. - HFCT-5103B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205A HP-HFCT-5205A Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205B HP-HFCT-5205B Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205C HP-HFCT-5205C Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205D HP-HFCT-5205D Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5103B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
logo
Pasternack Enterprises,...
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300008-1 PASTERNACK-PE300008-1 Datasheet
282Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179AZ AVAGO-AFCT-5179AZ Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver Multisourced 1 x 9 pin configuration
logo
Pasternack Enterprises,...
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
PE300533-1 PASTERNACK-PE300533-1 Datasheet
121Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO
logo
List of Unclassifed Man...
OC-3 ETC2-OC-3 Datasheet
440Kb / 10P
   1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
logo
Pasternack Enterprises,...
PE300408-1 PASTERNACK-PE300408-1 Datasheet
108Kb / 1P
   CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
PE300408-3 PASTERNACK-PE300408-3 Datasheet
108Kb / 1P
   CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com