Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0462-0025-02 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0462-0025-02
Description  5 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0462-0025-02 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0462-0025-02 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Specifications subject to change without notice.
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
Cat 25-R3
6
5 TAP LEADING EDGE CONTROL
STANDARD DELAY MODULES
Test Conditions @ 25oC
Electrical Characteristics
Nh Logic 1 Fanout
-
20 TTL Loads Max.
Nl
Logic 0 Fanout
-
10 TTL Loads Max.
3.2 Volts
3.0 ns (10%-90%)
1.2 x Total Delay
4 x Pulse Width
35 ma Typical
5.0 Volts
Max.
5.25
0.8
-1
20
0.5
-1.2
20
-0.6
-150
25
40
70o
50
Units
V
V
V
ma
ma
V
V
V
ua
ma
ma
ma
ma
C
%
%
Min.
4.75
2.0
2.7
-60
0o
40
100 + (25000/TD) PPM/OC
Input to Taps + 2 ns or 5% , Whichever is Greater
Tap to Tap + 2 ns or 7% , Whichever is Greater
Delays measured @ 1.5 V levels on Leading Edge only
with no loads on Taps
Rise and Fall Times measured from 0.75 V to 2.4 V levels
Tolerances
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
Part Numbers
Thru-Hole
0462-0025-02
0462-0030-02
0462-0035-02
0462-0040-02
0462-0045-02
0462-0050-02
0462-0060-02
0462-0070-02
0462-0080-02
0462-0090-02
0462-0100-02
0462-0150-02
0462-0200-02
Total
Delay
Delay
per Tap
25 ns
30 ns
35 ns
40 ns
45 ns
50 ns
60 ns
70 ns
80 ns
90 ns
100 ns
150 ns
200 ns
5 ns
6 ns
7 ns
8 ns
9 ns
10 ns
12 ns
14 ns
16 ns
18 ns
20 ns
30 ns
40 ns
Vcc
Vih
Vil
Ioh
Iol
Voh
Vol
Vik
Iih
Iil
Ios
Icch
Iccl
Ta
PW
d
Tc
Supply Voltage
Logic 1 Input Voltage
Logic 0 Input Voltage
Logic 1 Output Current
Logic 0 Output Current
Logic 1 Output Voltage
Logic 0 Output voltage
Input Clamp Voltage
Logic 1 Input Current
Logic 0 Input Current
Short Circuit Output Current
Logic 1 Supply Current
Logic 0 Supply Current
Operating Free Air Temperature
Min. Input Pulse Width of Total Delay
Maximum Duty Cycle
Temp. Coeff. of Total Delay (TD)
Ein
Trin
PW
PP
Iccl
Vcc
Pulse Voltage
Rise Time
Pulse Width
Pulse Period
Supply Current
Supply Voltage
.81 Max
.018
.012
.008
.12 Min
.20 Max
*
In 2
Vcc 1
Gnd 8
3
4
5
6
7
.32 Max
.70 + .01
.10 Typ
.020
.10 + .02
(P/N)
bel (DC)
Transfer molded for better reliability
Compatible with TTL & DTL circuits
Terminals: Electro-Tin plate phosphor bronze
Performance warranty is limited to specified parameters listed
Notes
Other Delays and Tolerances Available
Consult Sales
Drive Capabilities
Rise
Time


Similar Part No. - 0462-0025-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0462-201-20141 ETC2-0462-201-20141 Datasheet
1Mb / 8P
   HD30 & HDP20 Series Technical Manual
logo
TE Connectivity Ltd
0462-201-2031 TEC-0462-201-2031 Datasheet
1Mb / 26P
   DT Highspeed DT Highspeed
07 MAR 2023 Rev. B
More results

Similar Description - 0462-0025-02

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S423-0025-02 BEL-S423-0025-02 Datasheet
62Kb / 1P
   5 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
S422-0025-02 BEL-S422-0025-02 Datasheet
63Kb / 1P
   5 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
S422-0025-10 BEL-S422-0025-10 Datasheet
67Kb / 1P
   10 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
S423-0005-06 BEL-S423-0005-06 Datasheet
60Kb / 1P
   1 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
S493-0025-02 BEL-S493-0025-02 Datasheet
62Kb / 1P
   5 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
S497-0025-02 BEL-S497-0025-02 Datasheet
63Kb / 1P
   5 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
S473-0025-02 BEL-S473-0025-02 Datasheet
47Kb / 1P
   5 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
S459-0006-02 BEL-S459-0006-02 Datasheet
64Kb / 1P
   5 TAP LEADING EDGE CONTROL 10KH ECL DELAY MODULES
S477-0025-02 BEL-S477-0025-02 Datasheet
48Kb / 1P
   5 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
S450-0025-02 BEL-S450-0025-02 Datasheet
48Kb / 1P
   5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com