| Electronic Components Datasheet Search |
|
HC705JJ7GRS/D Datasheet(PDF) 109 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JJ7GRS/D Datasheet(HTML) 109 Page - NXP Semiconductors |
|
109 / 230 page ![]() Analog Subsystem Analog Multiplex Register MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Analog Subsystem NOTE: Either comparator may generate an output flag when the inputs are exchanged due to a change in the state of the INV bit. It is therefore recommended that the INV bit not be changed while waiting for a comparator flag. Further, any changes to the state of the INV bit should be followed by writing a logical one to both the CPFR1 and CPFR2 bits to clear any extraneous CPF1 or CPF2 flags that may have occurred. VREF This read/write bit connects the channel select bus to VDD for making a reference voltage measurement. It cannot be selected if any of the other input sources to the channel select bus are selected as shown in Table 8-2. This bit is cleared by a reset of the device. 1 = Channel select bus connected to VDD if all MUX1:4 are cleared. 0 = Channel select bus cannot be connected to VDD. MUX1:4 These are read/write bits that connect the analog subsystem pins to the channel select bus and voltage comparator 2 for purposes of making a voltage measurement. They can be selected individually or combined with any of the other input sources to the channel select bus as shown in Table 8-2. NOTE: The VAOFF voltage source shown in Figure 8-1 depicts a small offset voltage generated by the total chip current passing through the package bond wires and lead frame that are attached to the single VSS pin. This offset raises the internal VSS reference (AVSS) in the analog subsystem with respect to the external VSS pin. Turning on the VSS MUX to the channel select bus connects it to this internal AVSS reference line. When making A/D conversions this AVSS offset gets placed on the external ramping capacitor since the discharge device on the PB0/AN0 pin discharges the external capacitor to the internal AVSS line. Under these circumstances the positive input (+) to comparator 2 will always be higher than the negative input (–) until the negative input reaches the AVSS offset voltage plus any offset in comparator 2. Therefore, input voltages cannot be resolved if they are less than the sum of the AVSS offset and the comparator offset, because they will always yield a low output from the comparator. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |