Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC705JJ7GRS/D Datasheet(PDF) 101 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 230 page
background image
Parallel Input/Output
Port C (28-Pin Versions Only)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Parallel Input/Output
7.5.4 Port C Logic
Figure 7-15 shows the I/O logic of port C.
When a port C pin is programmed as an output, reading the port bit
actually reads the value of the data latch and not the voltage on the pin
itself. When a port C pin is programmed as an input, reading the port bit
reads the voltage level on the pin. The data latch can always be written,
regardless of the state of its DDR bit. Table 7-4 summarizes the
operations of the port C pins.
Figure 7-15. Port C I/O Circuit
PCx
PORT C DATA
REGISTER
BIT PCx
READ $0006
WRITE $0002
READ $0002
WRITE $0010
PULLDOWN
DEVICE
RESET
WRITE $0006
DATA DIRECTION
REGISTER C
BIT DDRCx
PULLDOWN
REGISTER A
BIT PDICx
R
R
MASK OPTION REGISTER ($1FF1)
HIGH SINK/SOURCE
CURRENT CAPABILITY
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com