Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G18 Datasheet(PDF) 7 Page - Anderson Power Products, Inc.

Part # 110G18
Description  Powerpole® Connectors PP75 - Up to 120 Amps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

110G18 Datasheet(HTML) 7 Page - Anderson Power Products, Inc.

  110G18 Datasheet HTML 1Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 2Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 3Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 4Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 5Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 6Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 7Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 8Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
- 47 -
All Data Subject To Change Without Notice
www.andersonpower.com
Guide Housings for Vertical Mini Powerclaw Contacts
Prevents polarity being reversed when a two pole PP75 block is mated to
vertical mini Powerclaw contacts. Fastening hardware not included.
Description
Part Numbers
Minimum Quantity
1,000
100
Black Guide Housing PC-HSG-PP-BK
PC-HSG-PP
Mounting Clamp
Mounting clamps can be used for fastening a block of Powerpole® 75 series
housings to a panel. Connector blocks must be a complete square for the
clamps to work properly. Fastening hardware not included.
Description
Part Numbers
Minimum Quantity
50 sets of 2
2 or 4 Pole
1463G1
3 or 6 Pole
1463G2
Retaining Pins
Retaining pins are used to keep stacked Powerpole® 75 series housings from separating.
Retaining pins are inserted in the circular opening between two housings stacked side by side.
Dimension B is +/- 0.015 in or 0.38 mm.
Dimensions
- A -
- B -
Description
Part Numbers
inches
mm
inches mm
Minimum Quantity
1,000
100
1 Block High
111812P7
110G19
0.196 / 0.207 4.98 / 5.26
0.560 14.220
2 Block High
111812P6
110G18
0.196 / 0.207 4.98 / 5.26
1.000 25.400
PCB Mounting Staples
Reduce strain on solder joints during mating and unmating. Staples bend over the underside
of the PCB board to lock the housings in place. Staples are an interference fit with housings.
Part Number
Number of Stacked Powerpole® H x W
Minimum Quantity
100
PCSTAPLE-2
1 x 2
Reducing Bushings
Use with contact part number 5900-BK or 1307-BK to allow a smaller wire to
be used with the connector. Electrical capability is derated with smaller wire.
Dimensions
Contact Barrel Size
Wire Size
- ID -
- Length -
AWG
mm²
AWG
mm²
Part Numbers
inches mm
Inches
mm
Minimum Quantity
3,000
1,000
100
6
13.3
8
8.4
-
5912-BK
5912 0.18
4.57
0.45
11.43
6
13.3
12 to 10
3.3 to 5.3
5910-BK
-
5910 0.14
3.56
0.47
11.94
6
13.3
16 to 14
1.3 to 2.1
5913-BK
-
5913 0.09
2.29
0.47
11.94
PCB
PP75 Connector
Guide Housing
Mini Vertical
Powerclaw Contact
Slide staple over housings and
into the holes in the board.
Staple
Housings
PCB
Fasten the staple by
bending the leads on the
bottom of the board.
Panel
Mounting Clamp
2 Pole
3 Pole
ID
Length
Wire Entrance
A
B
For environmentally sealed connector shells to hold Powerpole®
15 to 180 connectors, see SPEC Pak® product series on our
website www.andersonpower.com


Similar Part No. - 110G18

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G18 APP-110G18 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
More results

Similar Description - 110G18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
   SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com