Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G18 Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # 110G18
Description  Powerpole® Connectors PP75 - Up to 120 Amps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

110G18 Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  110G18 Datasheet HTML 1Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 2Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 3Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 4Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 5Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 6Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 7Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 8Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
- 44 -
All Data Subject To Change Without Notice
www.andersonpower.com
MECHANICAL
Wire Size Range
AWG
mm²
Wire Contacts with Bushings
16 to 6
1.3 to 13.3
Max. Wire Insulation Diameter
in.
mm
0.437
11.100
Operating Temperature ²
°F
°C
Standard & Ground
-4° to 221°
-20° to 105°
Chemical Resistant*
-40 to 221°
-40° to 105°
*Chemical resistant material not available for PCB guide housings
Mating Cycles No Load by Plating
Silver (Ag)
Tin (Sn)
Wire and PCB Contacts
10,000
1,500
Avg. Mating / Unmating Force
Lbf.
N
Wire to Wire Low Force Contacts
5
22
Wire to Wire High Force Contacts
7
31
Standard Powerclaw to Wire
7
31
Mini Powerclaw to Wire
4
17
PCB Specifications
Mounting Style
Plated Through Hole
Max PCB Thickness - in. (mm)
Standard: 0.15 (0.381)
Mini:
0.25 (0.635)
Recommended Traces
8 AWG Cross Section
Min. Contact / Spring Retention Force
Lbf.
N
Wire Housing
50
222
Min. Creepage / Clearance
Distance PCB
in.
mm
Standard Powerclaw Adjacent Poles
0.260
6.6
Mini Vert. Powerclaw Adjacent Poles
0.087
2.2
Mini Horz. Powerclaw Adjacent Poles
0.079
2.0
Mechanical Shock 5
MIL-STD-202
213
Condition A
50g’s
Vibration High Frequency 5
MIL-STD-202
204
Condition A
10g’s
NOTE 1: See IEC 60664-1 for working voltage.
NOTE 2: Amp ratings are stated per position and based on all positions
being fully loaded.
1 - Based on: 105°C rated or better cable of the largest size. Properly
calibrated APP® recommended tooling, and a 25°C ambient
temperature. UL rating not to exceed the maximum operating
temperature. CSA rating below a 30°C temperature rise.
2 - Limited by the thermal properties of the connector plastic housing.
3 - Without use of spacers to increase creepage and clearance distances.
4 - Use APP® recommended tooling only. Alternate tools may adversely
affect the performance of our connectors along with UL and
CSA recognition.
5 - Tested with contact part number 5900.
6 - Based on 2 housings blocked together.
ELECTRICAL
Current Rating Amperes ¹
UL 1977
CSA
Wire-to-Wire (6 AWG)
120
70
Wire-to-PCB (6 AWG)
55
50
Wire-to-Busbar (6 AWG)
75
Voltage Rating AC/DC
UL 1977
600
PCB Connector Recommended Voltage 3
per IEC 60950-1 Table 2L Pollution Degree 2
Mini Vert. Contact Adjacent Poles
220
Mini Horiz. Contact Adjacent Poles
200
Standard Contact Adjacent Poles
635
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms 1
Wire Contact with 1 1/4” of 6 AWG
0.200
PCB Contact to Contact
0.500
UL Hot Plug Current Rating Amperes - 250 Cycles at 120V DC 6
Wire-to-Wire
50A
PCB to Wire (Vertical Mini Powerclaw)
40A
UL Ground Short Time Current Test - 75A Premate Ground
1530 Amps, 6 AWG Wire
6 Seconds
PP75 SPECIFICATIONS
MATERIAL
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire
960°C (GWFI) / 800°C (GWIT)
Contact
Base
Copper Alloy
Wire Plating
Silver
PCB Plating
Sn or Ag over Ni
Contact Termination Methods
Crimp 4
Wire Contacts
Hand Solder
Wire and PCB Contacts
Solder Dip
PCB Contacts
Wave Solder
PCB Contacts
Wrench / Socket
Busbar Contacts


Similar Part No. - 110G18

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G18 APP-110G18 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
More results

Similar Description - 110G18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
   SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com