Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110G18 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 110G18
Description  Powerpole® Connectors PP75 - Up to 120 Amps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

110G18 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  110G18 Datasheet HTML 1Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 2Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 3Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 4Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 5Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 6Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 7Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 8Page - Anderson Power Products, Inc. 110G18 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
- 42 -
All Data Subject To Change Without Notice
www.andersonpower.com
[ 30.0 ]
1.18
[ 7.2 ]
0.28
[ 11.1 ]
0.44
[ 7.1 ]
0.28
A
[ 69.1 ]
2.72
[ 2.0 ]
0.08
[ 17.1 ]
0.68
See Busbar contact drawing on
website for further detail.
See PCB contact
drawing on website
for further detail.
PP75 Housing
Standard
Powerclaw
Contact
Second housing and contact
in two pole version only.
[ 5.2 ]
0.20
[ 22.2 ]
0.87
[ 48.0 ]
1.89
[ 66.0 ]
2.60
[ 17.0 ]
0.67
[ 32.8 ]
1.29
[ 32.0 ]
1.26
[ 11.9 ]
0.47
"A"
[ 7.1 ]
0.28
[ 7.2 ]
Ø 0.28
Mated Length
[ 83.1 ]
3.20
PP75 Premate Ground Housings
Offers a first-mate, last-break connection when stacked together with PP75
housings. Stacks together with PP75 standard and chemical resistant housings.
Housings are mechanically keyed to prevent cross mating with power positions.
Description
Part Numbers
Minimum Quantity
1,000
100
Green
5927G6-BK
5927G6
PP75 Silver Plated Wire Contacts
Silver plated contacts offer the best electrical performance and durability up to
10,000 mating cycles. See reducing bushings in accessory section for smaller wires.
Dimensions
Mating
Loose Piece
- A -
AWG
mm²
Force
Part Numbers
inches mm
Minimum Quantity
1,000
100
6
13.3
Low
1307-BK 1307
0.22
5.59
6
13.3
High
5900-BK 5900
0.22
5.59
8
8.4
High
5952-BK 5952
0.19
4.83
12 to 10
3.3 to 5.3 Low
5953-BK 5953
0.14
3.56
12 to 10
3.3 to 5.3 High
5915-BK 5915
0.14
3.56
PP75 Premate Ground Wire Contacts
Silver plated contacts for use with the PP75 Premate Ground Housing. Rated to
10,000 mating cycles.
Dimensions
Loose Piece
- A -
Type
AWG
mm²
Part Numbers
inches mm
Minimum Quantity
1,000
100
Individual
6
13.3
1875G1-BK 1875G1
0.22
5.59
Individual
8
8.4
1875G2-BK 1875G2
0.19
4.83
Individual
12 to 10
3.3 to 5.3 1875G3-BK 1875G3
0.14
3.56
PP75 Silver Plated Busbar Contacts
Provide a quick disconnect input or output busbar connection. Busbar contacts are
for mating with wire contacts only. Part number 75BBS includes lock nuts. Locknuts
must be ordered separately for B01915P1.
Mating
Type
Thread
Force
Part Numbers
Minimum Quantity
1,000
20
10
Busbar
10-24
High
B01915P1
-
75BBS
Lock Nut 10-24
-
H1216P8
110G54
-
55A Right Angle Standard Powerclaw PCB Contacts
Standard Powerclaw contacts are for use inside a PP75 housing and
provide a color-coded right angle connection to the PCB.
Description
Loose Piece Part Numbers
Minimum Quantity
500
100
Tin Plated
PC5930T-BK
PC5930T
Silver Plated
PC5930S-BK
PC5930S


Similar Part No. - 110G18

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
110G18 APP-110G18 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
More results

Similar Description - 110G18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
   SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com