Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O48.0-JT21ET-A-K-2.8 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # O48.0-JT21ET-A-K-2.8
Description  Oscillator JT21ET(E) · TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O48.0-JT21ET-A-K-2.8 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  O48.0-JT21ET-A-K-2.8 Datasheet HTML 1Page - Jauch Quartz Gmbh O48.0-JT21ET-A-K-2.8 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Oscillator JT21ET(E) · TCXO
- temp. compensated crystal oscillator, 2.0 x 1.6 mm
- low power TCXO with clipped sine output
- wide temperature range up to -40 °C ~ +105 °C
- optional standby function for JT21ETE
- for navigation system use, please prefer JT21G
RoHS
2015/863/EU
RoHS compliant
Pb free
Conflict
mineral free
REACH
compliant
GENERAL DATA
TYPE
JT21ET / JT21ETE TCXO
frequency range
12.0 ~ 52.0 MHz
frequency
tolerance /
stability
at +25 °C
± 2.0 ppm (incl. 2x reflow)
temperature
±2.0 ppm ~ ±10.0 ppm (see table 1)
aging first year
± 1.0 ppm (at +25 °C)
supply voltage
± 0.2 ppm (at V
DC ±5%)
load change
± 0.2 ppm (at nominal load ± 10%)
current consumption
1.5 mA max. ≤ 26 MHz / 2.5 mA max. ≤ 52 MHz
supply voltage V
DC
1.8V / 2.5V / 2.8V / 3.0V / 3.3V (±5%)
temperature operating
see table 1
storage
-40 °C ~ +105 °C
output
load nom.
10 k� // 10 pF
level min.
0.8 x Vpp (clipped sine)
standby function of JT21ETE
stop function, see table 2
disabled supply current
2µA typ. / 5.5 µA max.
start-up time max.
2.5 ms
enable time max.
2.5 ms
disable time max.
150 ns
phase jitter
at 100 Hz
-122dBc/Hz typ.
at ƒo
at 1 KHz
-142 dBc/Hz typ.
26 Mhz
at 10 KHz
-155 dBc/Hz typ.
TABLE 2: ENABLE / DISABLE FUNCTION
PIN #1 (E/D CONTROL)
PIN #3 (OUTPUT)
high “1” (V
IH ≥ 0.8 VDC)
active (see information below)
low “0” (V
IL ≤ 0.2 VDC)
high impedance
stop function (JT21ETE only):
– oscillator stops
– output high impedance
– to activate permanently, please connect an external pull-up resistor
of 10 kOhm to pin #1
NOTE
– TCXO JT21ET: pin #1 to be connected to GND
– TCXO JT21ETE: pin #1 controls the standby function
– external AC coupling for output recommended
* other nominal supply voltages within 1.8 V ~ 3.3 V need to be specified,
ask for availability
2.0±0.15
# 1# 2
# 4# 3
0.65
0.95
1.14
0.43
# 1# 2
# 4# 3
±0.05
±0.05
top view
side view
bottom view
pad layout
pin connection
DIMENSIONS
TCXO
JT21ET
# 1: GND
# 2: GND
# 3: output
# 4: V
DC
TCXO
JT21ETE
# 1: e/d
# 2: GND
# 3: output
# 4: V
DC
in mm
actual size
28042022
Jauch Quartz GmbH • e-mail: info@jauch.com • full data can be found under: www.jauch.com
All specifications are subject to change without notice
TABLE 1: FREQUENCY STABILITY VS. TEMPERATURE
frequency stability
temperature code
B
± 2.0 ppm
A
± 2.5 ppm
Y
± 5.0 ppm
X
± 10.0 ppm
-40 °C ~ +85 °C
K
-40 °C ~ +105 °C
P
 
on request
△ case-by-case, ask if available
O
Oscillator
frequency
12.0 ~ 52.0 MHz
type
JT21ET = TCXO
JT21ETE = TCXO
with e/d
supply voltage
Example: O 48.0-JT21ET-Y-P-3.3-LF (Suffix LF = RoHS compliant / Pb free)
frequency stability
code
A, B, X, Y
see table 1
operating temp.
code
K = -40 °C ~ +85 °C
P = -40 °C ~ +105 °C
see table 1
ORDER INFORMATION
1.8 = 1.8 V
2.5 = 2.5 V
2.8 = 2.8 V
3.0 = 3.0 V
3.3 = 3.3 V


Similar Description - O48.0-JT21ET-A-K-2.8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA2S20C ETC2-TA2S20C Datasheet
70Kb / 1P
   TTL TCXO Oscillator
logo
Jauch Quartz Gmbh
JT32CT JAUCH-JT32CT Datasheet
466Kb / 2P
   Oscillator JT32CT · TCXO
25072022-18
logo
Caliber Electronics Inc...
TA2S CALIBER-TA2S Datasheet
75Kb / 1P
   TTL TCXO Oscillator
logo
ECM Electronics Limited...
ECT107 ECM-ECT107 Datasheet
84Kb / 1P
   TCXO Crystal Oscillator
logo
Jauch Quartz Gmbh
JT21CT JAUCH-JT21CT Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
JT22CT JAUCH-JT22CT Datasheet
464Kb / 2P
   Oscillator JT22CT · TCXO
25072022-18
logo
List of Unclassifed Man...
ECT107 ETC1-ECT107 Datasheet
81Kb / 1P
   ECM TCXO Crystal Oscillator
TB1S320CV ETC2-TB1S320CV Datasheet
70Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
Caliber Electronics Inc...
TA1S CALIBER-TA1S Datasheet
75Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
   Temperature Compensated Crystal Oscillator (TCXO)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com