Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP120 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # PP120
Description  Powerpole® Connectors PP120 - Up to 240 Amps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PP120 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  PP120 Datasheet HTML 1Page - Anderson Power Products, Inc. PP120 Datasheet HTML 2Page - Anderson Power Products, Inc. PP120 Datasheet HTML 3Page - Anderson Power Products, Inc. PP120 Datasheet HTML 4Page - Anderson Power Products, Inc. PP120 Datasheet HTML 5Page - Anderson Power Products, Inc. PP120 Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- 48 -
All Data Subject To Change Without Notice
www.andersonpower.com
PP120 ORDERING INFORMATION
Powerpole® Connectors
PP120 - Up to 240 Amps
PP120 series Powerpole® housings are designed to
accommodate up to 1/0 AWG (50 mm²) wires and
handle high currents up to 240 amps. Reducing
bushings allow PP120 to accept down to 8 AWG
(10 mm²) wires. Multiple colors of stackable housings
combine with low resistance flat wiping technology to
offer powerful connection capability.
• Large Wire Range Accommodates up to
1/0 (50 mm²) Wire
Reducing bushings allow as small as 8 (10 mm²) wire to be used
• Low Resistance Silver Plated Copper Contacts
Allows currents up to 240 amps
• UL Rated for Hot Plugging up to 60 Amps
Great for battery or other applications where the ability to
interrupt circuits is required
PP120 Housings
The second to largest Powerpole® housing can be used with
wire contacts for up to 1/0 AWG (50 mm²) or busbar contacts.
Description
Part Numbers
Minimum Quantity
500
50
Blue
1321-BK
1321
Black
1321G1-BK
1321G1
White
1321G2-BK
1321G2
Red
1321G3-BK
1321G3
Green
1321G4-BK
1321G4
Orange
1321G5-BK
1321G5
Brown
1321G6-BK
1321G6
Yellow
1321G7-BK
1321G7
Gray
1321G8-BK
1321G8
PP120 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
New contacts for 1 to 1/0 AWG (35 to 50 mm²) offer extended capability in the same housings. See
reducing bushings in accessory section for smaller wires.
Mating
- A -
- B -
AWG mm²
Force
Loose Piece Part Numbers
inches mm
inches mm
Minimum Quantity
600
500
50
1/0
53.5
Low
1323G2-BK -
1323G2 *
0.52
13.21 0.44
11.18
1
42.4
Low
1323G1-BK -
1323G1 *
0.47
11.94 0.39
9.91
2
33.6
High
-
1319-BK
1319
0.44
11.18 0.34
8.64
4
21.1
High
-
1319G4-BK 1319G4
0.44
11.18 0.29
7.37
6
13.3
High
-
1319G6-BK 1319G6
0.44
11.18 0.22
5.59
* Extended range
[ 69.9 ]
2.75
[ 117.5 ]
4.63
[ 23.7 ]
0.93
[ 22.2 ]
0.88
[ 22.2 ]
0.88
[ 50.8 ]
2.0
[ 21.3 ]
0.84
[ 10.4 ]
0.41
B
A


Similar Part No. - PP120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP1200D060 POWEREX-PP1200D060 Datasheet
365Kb / 6P
   POW-R-PAK 1200A / 600V Half Bridge IGBT Assembly
More results

Similar Description - PP120

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
   SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
   SBS짰 Connectors - up to 110 amps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com