Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP120 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # PP120
Description  Powerpole® Connectors PP120 - Up to 240 Amps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PP120 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  PP120 Datasheet HTML 1Page - Anderson Power Products, Inc. PP120 Datasheet HTML 2Page - Anderson Power Products, Inc. PP120 Datasheet HTML 3Page - Anderson Power Products, Inc. PP120 Datasheet HTML 4Page - Anderson Power Products, Inc. PP120 Datasheet HTML 5Page - Anderson Power Products, Inc. PP120 Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
- 50 -
All Data Subject To Change Without Notice
www.andersonpower.com
PP120 SPECIFICATIONS
NOTE 1: See IEC 60664-1 for working voltage.
NOTE 2: Amp ratings are stated per position and based on all positions being
fully loaded.
1 - Based on: 105°C rated or better cable of the largest size. Properly
calibrated APP® recommended tooling, and a 25°C ambient temperature.
UL rating not to exceed the maximum operating temperature. CSA rating
below a 30°C temperature rise.
2 - Limited by the thermal properties of the connector plastic housing.
3 - Use APP® recommended tooling only. Alternate tools may adversely affect
the performance of our connectors along with UL and CSA recognition.
4 - Based on 2 housings blocked together.
IEC INFORMATION
ELECTRICAL
Current Rating Amperes ¹
UL 1977
CSA
Singlepole UL 1977 (1/0 AWG)
240
155
2x2 Block UL 1977 (1/0 AWG)
200
110
Voltage Rating AC/DC
UL 1977
600
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms ¹
5 1/2” of 2 AWG Wire
0.136
UL Hot Plug Current Rating Amperes 4
250 Cycles at 120V DC
60A
MATERIALS
Housing
Plastic Resin
Polycarbonate
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire
960°C (GWFI) / 850°C (GWIT)
Contact
Base
Copper Alloy
Plating
Silver
Contact Termination Methods
Crimp ³
Wire Contacts
Hand Solder
Wire Contacts
MECHANICAL
Wire Size Range
AWG
mm²
Wire Contacts with Bushings
10 to 1/0
5.3 to 53.5
Max. Wire Insulation Diameter
in.
mm
0.600
15.240
Operating Temperature ²
°F
°C
-4° to 221°
-20° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Wire Contacts
10,000
Avg. Mating / Unmating Force
Lbf.
N
8
36
Min. Contact / Spring Retention Force
Lbf.
N
60
267
ATTRIBUTES
PP120
AMP Rating AC/DC
120
Voltage Rating AC/DC (Steady State)
400 V AC/DC (Operational)
Breaking Capacity - AMP Rating / Cycles
120 Amp / 10 Cycles
Voltage Rating (Breaking Capacity)
220 VDC
FINGER Safety - Mated Only
IEC 60529- IP20
Wire Size Tested
50 mm²
Contact Series Tested
1323G2
Climatic Testing (Cold, Heat & MFG)
IEC 60512 Test- 11j, 11i & 11g
Cycle Life
IEC 60512 Test 9a- 5,000 Cycles
Mechanical Strength Impact
IEC 60512-5 @ 29.5 Inches-
Dropped 8 times
Temperature Range
-20°C to 105°C
-4°F to 221°F
Connector
Series
Configurations
Creepage /
Clearance
per IEC
60950-1
Material
Group
PP120
Single Pole
Unmated
4.36 mm
IIIa
Mated
4.36 mm
Stacked
Powerpole®
Unmated
4.36 mm
Mated
4.36 mm
PROTECTION
Touch Safety with Wire Contacts
IEC 60529
IP10


Similar Part No. - PP120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP1200D060 POWEREX-PP1200D060 Datasheet
365Kb / 6P
   POW-R-PAK 1200A / 600V Half Bridge IGBT Assembly
More results

Similar Description - PP120

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
   SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
   SBS짰 Connectors - up to 110 amps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com