Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B38C42 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B38C42
Description  BiCMOS Current Mode PWM Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B38C42 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B38C42 Datasheet HTML 1Page - List of Unclassifed Manufacturers B38C42 Datasheet HTML 2Page - List of Unclassifed Manufacturers B38C42 Datasheet HTML 3Page - List of Unclassifed Manufacturers B38C42 Datasheet HTML 4Page - List of Unclassifed Manufacturers B38C42 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
BiCMOS Current Mode PWM Controller
B38C42/43/44/45
Advance Information
Pin Connection
Ordering Information
Devices
Package
Temp.
B38C42M
SO-8
-40
°C to +85°C
B38C42P
8-DIP
-40
°C to +85°C
B38C43M
SO-8
-40
°C to +85°C
B38C43P
8-DIP
-40
°C to +85°C
B38C44M
SO-8
-40
°C to +85°C
B38C44P
8-DIP
-40
°C to +85°C
B38C45M
SO-8
-40
°C to +85°C
B38C45P
8-DIP
-40
°C to +85°C
Description
The Bay Linear B38C42/43/44/45 are fixed frequency and
high performance current-mode PWM controller in BiCMOS.
They are pin compatible with all bipolar 384X’s controllers are
similar to the MIC38C4X family. These devices are designed
for DC-to-DC converter applications and feature a trimmed
oscillator discharge current and bandgap reference.
The benefit of the BiCMOS process provides significant
performance improvement compared to Bipolar 384X devices.
At 15VIN the start-up current is reduced to 50µA (typ.) from
0.17 mA with an operating current reduced to 4mA (typ.) from
14mA. Also, quicker output rise and fall times drive larger
MOSFET ‘s and rail-to-rail output capability improves
efficiency, especially lower supply voltages.
Major differences between members of these series are the
UVLO thresholds. Typical UVLO thresholds of 14.5V (on)
and 9V (off) for the B38C42 and B38C44 devices make them
ideally suited to off-line applications. The corresponding
typical thresholds for the B38C43 and B3845 devcies are 8.4V
(on) and 7.6V (off).
The B39C4X devices are available in 8 pin DIP and SOIC.
Features
Low-Power BiCMOS Process
Ultra Low Start-Up Current of 50
µA (typ.)
Very Lower Operating Current (4mA)
Current Mode Operation
≥ 500KHz
CMOS outputs with Rail to Rail outputs
Under Voltage Lockout with Hysteresis
5V Trimmed Bandgap Reference
Trimmed Oscillator Discharged Current
Low Cross-Conduction Currents
Available in 8 pin SOIC and 8PDip
Similar to MIC38C42/43/44/45
Pin to Pin compatible with UC3842X Family
Applications
Switched and Current Mode Power Supplies
Off-line Power Supply
Step-Up (Buck), Step-Down (Boost) Regulator
Flyback, Isolated Regulators
Synchronous FET converters
Forward Converters
2
1
3
4
8
7
6
5
8-SOIC and 8-PDip
Top
COMP
ISENSE
RT/CT
GND
VDD
OUTPUT
REF
2
1
3
4
8
7
6
5
COMP
ISENSE
RT/CT
GND
OUTPUT
REF
FB
Bay Linear
Inspire the Linear Power


Similar Part No. - B38C42

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B38C800DM-45 VISHAY-B38C800DM-45 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
B38C800DM-E3 VISHAY-B38C800DM-E3 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
B38C800DM-E3/45 VISHAY-B38C800DM-E3/45 Datasheet
87Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
More results

Similar Description - B38C42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53_V01 Datasheet
3Mb / 48P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com