Electronic Components Datasheet Search |
|
TPA3118D2DAP Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|
TPA3118D2DAP Datasheet(HTML) 19 Page - Texas Instruments |
19 / 45 page OUTP OUTN OUTP -OUTN Speaker Current OUTP OUTN OUTP-OUTN Speaker Current OUTP OUTN OUTP -OUTN Speaker Current 0 V 0 V PVCC No Output Positive Output Negative Output 0 A 0 A 0 V - PVCC 19 TPA3116D2, TPA3118D2, TPA3130D2 www.ti.com SLOS708G – APRIL 2012 – REVISED DECEMBER 2017 Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2 Submit Documentation Feedback Copyright © 2012–2017, Texas Instruments Incorporated Figure 32. BD Mode Modulation 7.3.12.2 MODSEL = HIGH: 1SPW-modulation The 1SPW mode alters the normal modulation scheme in order to achieve higher efficiency with a slight penalty in THD degradation and more attention required in the output filter selection. In 1SPW mode the outputs operate at ~15% modulation during idle conditions. When an audio signal is applied one output will decrease and one will increase. The decreasing output signal will quickly rail to GND at which point all the audio modulation takes place through the rising output. The result is that only one output is switching during a majority of the audio cycle. Efficiency is improved in this mode due to the reduction of switching losses. The THD penalty in 1SPW mode is minimized by the high performance feedback loop. The resulting audio signal at each half output has a discontinuity each time the output rails to GND. This can cause ringing in the audio reconstruction filter unless care is taken in the selection of the filter components and type of filter used. |
Similar Part No. - TPA3118D2DAP |
|
Similar Description - TPA3118D2DAP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |