Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2DAP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2DAP
Description  15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3118D2DAP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPA3118D2DAP Datasheet HTML 13Page - Texas Instruments TPA3118D2DAP Datasheet HTML 14Page - Texas Instruments TPA3118D2DAP Datasheet HTML 15Page - Texas Instruments TPA3118D2DAP Datasheet HTML 16Page - Texas Instruments TPA3118D2DAP Datasheet HTML 17Page - Texas Instruments TPA3118D2DAP Datasheet HTML 18Page - Texas Instruments TPA3118D2DAP Datasheet HTML 19Page - Texas Instruments TPA3118D2DAP Datasheet HTML 20Page - Texas Instruments TPA3118D2DAP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
17
TPA3116D2, TPA3118D2, TPA3130D2
www.ti.com
SLOS708G – APRIL 2012 – REVISED DECEMBER 2017
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
7.3.8 Device Protection System
The TPA31xxD2 family contains a complete set of protection circuits carefully designed to make system design
efficient as well as to protect the device against any kind of permanent failures due to short circuits, overload,
over temperature, and under-voltage. The FAULTZ pin will signal if an error is detected according to Table 4:
Table 4. Fault Reporting
FAULT
TRIGGERING CONDITION
(typical value)
FAULTZ
ACTION
LATCHED/SELF-
CLEARING
Over Current
Output short or short to PVCC or GND
Low
Output high impedance
Latched
Over Temperature
Tj > 150°C
Low
Output high impedance
Latched
Too High DC Offset
DC output voltage
Low
Output high impedance
Latched
Under Voltage on
PVCC
PVCC < 4.5V
Output high impedance
Self-clearing
Over Voltage on
PVCC
PVCC > 27V
Output high impedance
Self-clearing
7.3.9 DC Detect Protection
The TPA31xxD2 family has circuitry which will protect the speakers from DC current which might occur due to
defective capacitors on the input or shorts on the printed circuit board at the inputs. A DC detect fault will be
reported on the FAULT pin as a low state. The DC Detect fault will also cause the amplifier to shutdown by
changing the state of the outputs to Hi-Z.
If automatic recovery from the short circuit protection latch is desired, connect the FAULTZ pin directly to the
SDZ pin. This allows the FAULTZ pin function to automatically drive the SDZ pin low which clears the DC Detect
protection latch.
A DC Detect Fault is issued when the output differential duty-cycle of either channel exceeds 60% for more than
420 msec at the same polarity. Table x below shows some examples of the typical DC Detect Protection
threshold for several values of the supply voltage. This feature protects the speaker from large DC currents or
AC currents less than 2Hz. To avoid nuisance faults due to the DC detect circuit, hold the SD pin low at power-
up until the signals at the inputs are stable. Also, take care to match the impedance seen at the positive and
negative inputs to avoid nuisance DC detect faults.
Table 5 lists the minimum output offset voltages required to trigger the DC detect. The outputs must remain at or
above the voltage listed in the table for more than 420 ms to trigger the DC detect.
Table 5. DC Detect Threshold
PVCC (V)
VOS - OUTPUT OFFSET VOLTAGE (V)
4.5
0.96
6
1.3
12
2.6
18
3.9
7.3.10 Short-Circuit Protection and Automatic Recovery Feature
The TPA31xxD2 family has protection from over current conditions caused by a short circuit on the output stage.
The short circuit protection fault is reported on the FAULTZ pin as a low state. The amplifier outputs are switched
to a high impedance state when the short circuit protection latch is engaged. The latch can be cleared by cycling
the SDZ pin through the low state.
If automatic recovery from the short circuit protection latch is desired, connect the FAULTZ pin directly to the
SDZ pin. This allows the FAULTZ pin function to automatically drive the SDZ pin low which clears the short-
circuit protection latch.
In systems where a possibility of a permanent short from the output to PVDD or to a high voltage battery like a
car battery can occur, pull the MUTE pin low with the FAULTZ signal with a inverting transistor to ensure a high-
Z restart, like shown in the figure below:


Similar Part No. - TPA3118D2DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
More results

Similar Description - TPA3118D2DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com