Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2DAP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2DAP
Description  15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3118D2DAP Datasheet(HTML) 1 Page - Texas Instruments

  TPA3118D2DAP Datasheet HTML 1Page - Texas Instruments TPA3118D2DAP Datasheet HTML 2Page - Texas Instruments TPA3118D2DAP Datasheet HTML 3Page - Texas Instruments TPA3118D2DAP Datasheet HTML 4Page - Texas Instruments TPA3118D2DAP Datasheet HTML 5Page - Texas Instruments TPA3118D2DAP Datasheet HTML 6Page - Texas Instruments TPA3118D2DAP Datasheet HTML 7Page - Texas Instruments TPA3118D2DAP Datasheet HTML 8Page - Texas Instruments TPA3118D2DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
LC Filter
LC Filter
Left
Right
4.5 V-26 V
PSU
Tuner AM/FM
CD/ MP3
Aux in
Left
Right
Audio Processor
And control
TPA 3116 D2
AM /FM Avoidance
Control
FAULTZ
SDZ
MUTE
Sync
Capable of synchronizing to other devices
GAIN/SLV
GAIN control and Master /Slave setting
AM2,1,0
PLIMIT
Power Limit
PBTL
Detect
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708G – APRIL 2012 – REVISED DECEMBER 2017
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM
Avoidance
1
1 Features
1
Supports Multiple Output Configurations
2 × 50 W Into a 4-Ω BTL Load at 21 V
(TPA3116D2)
2 × 30 W Into a 8-Ω BTL Load at 24 V
(TPA3118D2)
2 × 15 W Into a 8-Ω BTL Load at 15 V
(TPA3130D2)
Wide Voltage Range: 4.5 V to 26 V
Efficient Class-D Operation
>90% Power Efficiency Combined With Low
Idle Loss Greatly Reduces Heat Sink Size
Advanced Modulation Schemes
Multiple Switching Frequencies
AM Avoidance
Master and Slave Synchronization
Up to 1.2-MHz Switching Frequency
Feedback Power-Stage Architecture With High
PSRR Reduces PSU Requirements
Programmable Power Limit
Differential and Single-Ended Inputs
Stereo and Mono Mode With Single-Filter Mono
Configuration
Single Power Supply Reduces Component Count
Integrated Self-Protection Circuits Including
Overvoltage, Undervoltage, Overtemperature, DC-
Detect, and Short Circuit With Error Reporting
Thermally Enhanced Packages
DAD (32-Pin HTSSOP Pad Up)
DAP (32-Pin HTSSOP Pad Down)
–40°C to 85°C Ambient Temperature Range
2 Applications
Mini-Micro Component, Speaker Bar, Docks
After-Market Automotive
CRT TV
Consumer Audio Applications
3 Description
The TPA31xxD2 series are stereo efficient, digital
amplifier power stage for driving speakers up to 100
W / 2
Ω in mono. The high efficiency of the
TPA3130D2 allows it to do 2 × 15 W without external
heat sink on a single layer PCB. The TPA3118D2 can
even run 2 × 30 W / 8
Ω without heat sink on a dual
layer PCB. If even higher power is needed the
TPA3116D2 does 2 × 50 W / 4
Ω with a small heat-
sink attached to its top side PowerPAD. All three
devices share the same footprint enabling a single
PCB to be used across different power levels.
The
TPA31xxD2
advanced
oscillator/PLL
circuit
employs a multiple switching frequency option to
avoid AM interferences; this is achieved together with
an option of either master or slave option, making it
possible to synchronize multiple devices.
The TPA31xxD2 devices are fully protected against
faults
with
short-circuit
protection
and
thermal
protection as well as overvoltage, undervoltage, and
DC protection. Faults are reported back to the
processor to prevent devices from being damaged
during overload conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA3116D2
DAD (32)
11.00 mm × 6.20 mm
TPA3118D2
TPA3130D2
DAP (32)
11.00 mm × 6.20 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Application Circuit


Similar Part No. - TPA3118D2DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
More results

Similar Description - TPA3118D2DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
[Old version datasheet]   50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com