Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2
Description  15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3118D2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPA3118D2 Datasheet HTML 22Page - Texas Instruments TPA3118D2 Datasheet HTML 23Page - Texas Instruments TPA3118D2 Datasheet HTML 24Page - Texas Instruments TPA3118D2 Datasheet HTML 25Page - Texas Instruments TPA3118D2 Datasheet HTML 26Page - Texas Instruments TPA3118D2 Datasheet HTML 27Page - Texas Instruments TPA3118D2 Datasheet HTML 28Page - Texas Instruments TPA3118D2 Datasheet HTML 29Page - Texas Instruments TPA3118D2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
U1
TPA3116D2
MODSEL
1
SDZ
2
FAULTZ
3
INPR
4
INNR
5
PLIMIT
6
GVDD
7
GAIN/SLV
8
GND
9
INPL
10
INNL
11
MUTE
12
AM2
13
AM1
14
AM0
15
SY NC
16
PVCC
32
PVCC
31
BSPR
30
OUTPR
29
GND
28
OUTNR
27
BSNR
26
GND
25
BSPL
24
OUTPL
23
GND
22
OUTNL
21
BSNL
20
PVCC
19
PVCC
18
AVCC
17
PVCC DECOUPLING
C17
220nF
2
1
PVCC DECOUPLING
C16
220nF
2
1
C13 1uF
2
1
C58 100nF
2
1
C29
680nF
L7
10uH
1
2
R10 3.3R
1
2
L8
10uH
1
2
C28
680nF
L9
10uH
1
2
C57
10nF
R12
20k
L10
10uH
1
2
C38
10nF
R14 100k
1
2
C25
220uF
C26
680nF
R18
3.3R
C40
10nF
R17
3.3R
C41
1nF
C32
1nF
C11
1uF
2
1
C22
220uF
GND
C21
100nF
C20
1nF
C31
1nF
R15
3.3R
C33
1nF
R16
3.3R
C19
220nF
2
1
C30
1nF
C27
680nF
C34
10nF
C37
10nF
IN_P_LEFT
IN_N_RIGHT
IN_N_LEFT
IN_P_RIGHT
GND
PVCC
GND
GND
GND
GND
GND
GND
GND
GND
-
+
+
-
PVCC
C14 1uF
2
1
R11
100k
MUTE_LR
OUTPUT LC FILTER
R13
100k
C15
1uF
EMI C-RC SNUBBER
C24
100nF
GND
PVCC
C18
220nF
2
1
GND
/SD_LR
PVCC
C23
1nF
GND
C12
1uF
2
1
R73
10k
C42
220nF
2
1
L15
10uH
1
2
L16
10uH
1
2
R21
75k
R22
100k
C50
220uF
C51
1uF
C35
1uF
2
1
GND
C47
220uF
C46
100nF
C45
1nF
C54
1nF
R23
3.3R
R24
3.3R
C44
220nF
2
1
C53
1nF
C52
1uF
C55
10nF
C56
10nF
IN_P_SUB
IN_N_SUB
GND
GND
GND
GND
-
+
PVCC
MUTE_SUB
R20
47k
OUTPUT LC FILTER
R19
100k
C39
1uF
C49
100nF
EMI C-RC SNUBBER
PVCC
C43
220nF
2
1
PVCC
/SD_SUB
C48
1nF
GND
C36
1uF
2
1
GND
U2
TPA3116D2
MODSEL
1
SDZ
2
FAULTZ
3
INPR
4
INNR
5
PLIMIT
6
GVDD
7
GAIN/SLV
8
GND
9
INPL
10
INNL
11
MUTE
12
AM2
13
AM1
14
AM0
15
SY NC
16
PVCC
32
PVCC
31
BSPR
30
OUTPR
29
GND
28
OUTNR
27
BSNR
26
GND
25
BSPL
24
OUTPL
23
GND
22
OUTNL
21
BSNL
20
PVCC
19
PVCC
18
AVCC
17
PVCC DECOUPLING
C43
220nF
2
1
PVCC DECOUPLING
4R
4R
2R
Copyright © 2016, Texas Instruments Incorporated
26
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708G – APRIL 2012 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
Typical Application (continued)
Figure 37. Schematic


Similar Part No. - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 36P
100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2-Q1 TI1-TPA3118D2-Q1 Datasheet
1Mb / 36P
100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
More results

Similar Description - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com