Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2
Description  15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3118D2 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA3118D2 Datasheet HTML 10Page - Texas Instruments TPA3118D2 Datasheet HTML 11Page - Texas Instruments TPA3118D2 Datasheet HTML 12Page - Texas Instruments TPA3118D2 Datasheet HTML 13Page - Texas Instruments TPA3118D2 Datasheet HTML 14Page - Texas Instruments TPA3118D2 Datasheet HTML 15Page - Texas Instruments TPA3118D2 Datasheet HTML 16Page - Texas Instruments TPA3118D2 Datasheet HTML 17Page - Texas Instruments TPA3118D2 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
i
i
1
f
2 Z C
p
=
ƒ
5
6
7
8
9
10
INNR
PLIMIT
GVDD
GAIN/SLV
GND
2
1
1
2
C5
1 F
µ
2
1
51 k
R1
51 k
R2
14
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708G – APRIL 2012 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
Feature Description (continued)
(1)
Resistor tolerance should be 5% or better.
Table 1. Gain and Master/Slave
MASTER / SLAVE
MODE
GAIN
R1 (to GND)(1)
R2 (to GVDD)(1)
INPUT IMPEDANCE
Master
20 dB
5.6 kΩ
OPEN
60 kΩ
Master
26 dB
20 kΩ
100 kΩ
30 kΩ
Master
32 dB
39 kΩ
100 kΩ
15 kΩ
Master
36 dB
47 kΩ
75 kΩ
9 kΩ
Slave
20 dB
51 kΩ
51 kΩ
60 kΩ
Slave
26 dB
75 kΩ
47 kΩ
30 kΩ
Slave
32 dB
100 kΩ
39 kΩ
15 kΩ
Slave
36 dB
100 kΩ
16 kΩ
9 kΩ
Figure 27. Gain, Master/Slave
In Master mode, SYNC terminal is an output, in Slave mode, SYNC terminal is an input for a clock input. TTL
logic levels with compliance to GVDD.
7.3.2 Input Impedance
The TPA31xxD2 family input stage is a fully differential input stage and the input impedance changes with the
gain setting from 9 k
Ω at 36 dB gain to 60 kΩ at 20 dB gain. Table 1 lists the values from min to max gain. The
tolerance of the input resistor value is ±20% so the minimum value will be higher than 7.2 k
Ω. The inputs need to
be AC-coupled to minimize the output dc-offset and ensure correct ramping of the output voltages during power-
ON and power-OFF. The input ac-coupling capacitor together with the input impedance forms a high-pass filter
with the following cut-off frequency:
(1)
If a flat bass response is required down to 20 Hz the recommended cut-off frequency is a tenth of that, 2 Hz.
Table 2 lists the recommended ac-couplings capacitors for each gain step. If a -3 dB is accepted at 20 Hz 10
times lower capacitors can used – for example, a 1 µF can be used.
Table 2. Recommended Input AC-Coupling Capacitors
GAIN
INPUT IMPEDANCE
INPUT CAPACITANCE
HIGH-PASS FILTER
20 dB
60 kΩ
1.5 µF
1.8 Hz
26 dB
30 kΩ
3.3 µF
1.6 Hz
32 dB
15 kΩ
5.6 µF
1.9 Hz
36 dB
9 kΩ
10 µF
1.8 Hz


Similar Part No. - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 36P
100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2-Q1 TI1-TPA3118D2-Q1 Datasheet
1Mb / 36P
100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
More results

Similar Description - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com