Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2
Description  15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3118D2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3118D2 Datasheet HTML 9Page - Texas Instruments TPA3118D2 Datasheet HTML 10Page - Texas Instruments TPA3118D2 Datasheet HTML 11Page - Texas Instruments TPA3118D2 Datasheet HTML 12Page - Texas Instruments TPA3118D2 Datasheet HTML 13Page - Texas Instruments TPA3118D2 Datasheet HTML 14Page - Texas Instruments TPA3118D2 Datasheet HTML 15Page - Texas Instruments TPA3118D2 Datasheet HTML 16Page - Texas Instruments TPA3118D2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
+
+
+
+
+
SDZ
MUTE
TTL
Buffer
Gain
Control
GAIN
OUTPR_FB
RINP
RINN
Gain
Control
OUTPNR_FB
FAULTZ
SYNC
GAIN/SLV
AM<2:0>
PLIMIT
AVCC
GVDD
LDO
Regulator
LINP
LINN
GND
Input
Sense
PBTL
Select
OUTPL_FB
Gain
Control
OUTNL_FB
AVDD
GVDD
PLIMIT
Reference
Ramp
Generator
Biases and
References
Startup Protection
Logic
SC Detect
DC Detect
Thermal
Detect
UVLO/OVLO
PVCC
GVDD
PVCC
Gate
Drive
OUTNL_
FB
PVCC
GVDD
PVCC
Gate
Drive
PWM
Logic
Modulation and
PBTL Select
OUTPL_FB
GND
OUTPL
BSPL
GND
OUTNL
BSNL
GND
BSNR
OUTPR
GND
OUTNR
OUTNR_
FB
BSPR
OUTPR_FB
PVCC
GVDD
PVCC
Gate
Drive
PVCC
GVDD
PVCC
Gate
Drive
PWM
Logic
Modulation and
PBTL Select
PLIMIT
PLIMIT
+
+
+
+
+
+
Thermal
Pad
+
PVCC
PVCC
Copyright © 2016, Texas Instruments Incorporated
13
TPA3116D2, TPA3118D2, TPA3130D2
www.ti.com
SLOS708G – APRIL 2012 – REVISED DECEMBER 2017
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPA31xxD2 device is a highly efficient Class D audio amplifier with integrated 120m Ohms MOSFET that
allows output currents up to 7.5 A. The high efficiency allows the amplifier to provide an excellent audio
performance without the need for a bulky heat sink.
The device can be configured for either master or slave operation by using the SYNC pin. This helps to prevent
audible beats noise.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Gain Setting and Master and Slave
The gain of the TPA31xxD2 family is set by the voltage divider connected to the GAIN/SLV control pin. Master or
Slave mode is also controlled by the same pin. An internal ADC is used to detect the 8 input states. The first four
stages sets the GAIN in Master mode in gains of 20, 26, 32, 36 dB respectively, while the next four stages sets
the GAIN in Slave mode in gains of 20, 26, 32, 36 dB respectively. The gain setting is latched during power-up
and cannot be changed while device is powered. Table 1 lists the recommended resistor values and the state
and gain:


Similar Part No. - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2-Q1 TI1-TPA3118D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
More results

Similar Description - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
[Old version datasheet]   50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com