Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2
Description  15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3118D2 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA3118D2 Datasheet HTML 8Page - Texas Instruments TPA3118D2 Datasheet HTML 9Page - Texas Instruments TPA3118D2 Datasheet HTML 10Page - Texas Instruments TPA3118D2 Datasheet HTML 11Page - Texas Instruments TPA3118D2 Datasheet HTML 12Page - Texas Instruments TPA3118D2 Datasheet HTML 13Page - Texas Instruments TPA3118D2 Datasheet HTML 14Page - Texas Instruments TPA3118D2 Datasheet HTML 15Page - Texas Instruments TPA3118D2 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100 200
Output Power (W)
f = 20Hz
f = 1kHz
f = 6kHz
Gain = 26dB
PVCC = 24V
TA = 25°C
RL = 3Ω
G032
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
4
6
8
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
THD+N = 1%
THD+N = 10%
Gain = 26dB
TA = 25°C
RL = 3Ω
G034
12
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708G – APRIL 2012 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
fs = 400 kHz, BD Mode (unless otherwise noted)
Figure 25. Total Harmonic Distortion + Noise (PBTL) vs
Output Power
Figure 26. Maximum Output Power (PBTL) vs Supply
Voltage


Similar Part No. - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2-Q1 TI1-TPA3118D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
More results

Similar Description - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
[Old version datasheet]   50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com