Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2
Description  15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3118D2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3118D2 Datasheet HTML 7Page - Texas Instruments TPA3118D2 Datasheet HTML 8Page - Texas Instruments TPA3118D2 Datasheet HTML 9Page - Texas Instruments TPA3118D2 Datasheet HTML 10Page - Texas Instruments TPA3118D2 Datasheet HTML 11Page - Texas Instruments TPA3118D2 Datasheet HTML 12Page - Texas Instruments TPA3118D2 Datasheet HTML 13Page - Texas Instruments TPA3118D2 Datasheet HTML 14Page - Texas Instruments TPA3118D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
Output Power (W)
PVCC = 6V
PVCC = 12V
PVCC =24V
Gain = 26dB
TA = 25°C
RL = 2Ω
G028
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Gain = 26dB
PVCC = 12VDC + 200mVP-P
TA = 25°C
RL = 2Ω
G030
0.001
0.01
0.1
1
10
0.01
0.1
1
10
40
Output Power (W)
f = 20Hz
f = 1kHz
f = 6kHz
Gain = 26dB
PVCC = 12V
TA = 25°C
RL = 2Ω
G025
0
20
40
60
80
100
120
140
160
180
4
6
8
10
12
14
16
18
20
22
24 26
Supply Voltage (V)
THD+N = 1%
THD+N = 10%
Gain = 26dB
TA = 25°C
RL = 2Ω
G027
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Left Channel
Right Channel
Gain = 26dB
PVCC = 12VDC + 200mVP-P
TA = 25°C
RL = 8Ω
G023
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 5W
PO = 10W
Gain = 26dB
PVCC = 12V
TA = 25°C
RL = 2Ω
G024
11
TPA3116D2, TPA3118D2, TPA3130D2
www.ti.com
SLOS708G – APRIL 2012 – REVISED DECEMBER 2017
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
fs = 400 kHz, BD Mode (unless otherwise noted)
Figure 19. Supply Ripple Rejection Ratio (BTL) vs
Frequency
Figure 20. Total Harmonic Distortion + Noise (PBTL) vs
Frequency
Figure 21. Total Harmonic Distortion + Noise (PBTL) vs
Output Power
Figure 22. Maximum Output Power (PBTL) vs Supply
Voltage
Figure 23. Power Efficiency (PBTL) vs Output Power
Figure 24. Supply Ripple Rejection Ratio (PBTL) vs
Frequency


Similar Part No. - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 36P
100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2-Q1 TI1-TPA3118D2-Q1 Datasheet
1Mb / 36P
100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
More results

Similar Description - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com