Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2
Description  15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3118D2 Datasheet(HTML) 4 Page - Texas Instruments

  TPA3118D2 Datasheet HTML 1Page - Texas Instruments TPA3118D2 Datasheet HTML 2Page - Texas Instruments TPA3118D2 Datasheet HTML 3Page - Texas Instruments TPA3118D2 Datasheet HTML 4Page - Texas Instruments TPA3118D2 Datasheet HTML 5Page - Texas Instruments TPA3118D2 Datasheet HTML 6Page - Texas Instruments TPA3118D2 Datasheet HTML 7Page - Texas Instruments TPA3118D2 Datasheet HTML 8Page - Texas Instruments TPA3118D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708G – APRIL 2012 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
(1)
TYPE: DO = Digital Output, I = Analog Input, G = General Ground, PO = Power Output, BST = Boot Strap.
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
MODSEL
I
Mode selection logic input (LOW = BD mode, HIGH = 1 SPW mode). TTL logic levels with compliance to
AVCC.
2
SDZ
I
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels with
compliance to AVCC.
3
FAULTZ
DO
General fault reporting including Over-temp, DC Detect. Open drain.
FAULTZ = High, normal operation
FAULTZ = Low, fault condition
4
RINP
I
Positive audio input for right channel. Biased at 3 V.
5
RINN
I
Negative audio input for right channel. Biased at 3 V.
6
PLIMIT
I
Power limit level adjust. Connect a resistor divider from GVDD to GND to set power limit. Connect directly
to GVDD for no power limit.
7
GVDD
PO
Internally generated gate voltage supply. Not to be used as a supply or connected to any component other
than a 1 µF X7R ceramic decoupling capacitor and the PLIMIT and GAIN/SLV resistor dividers.
8
GAIN/SLV
I
Selects Gain and selects between Master and Slave mode depending on pin voltage divider.
9
GND
G
Ground
10
LINP
I
Positive audio input for left channel. Biased at 3 V. Connect to GND for PBTL mode.
11
LINN
I
Negative audio input for left channel. Biased at 3 V. Connect to GND for PBTL mode.
12
MUTE
I
Mute signal for fast disable/enable of outputs (HIGH = outputs Hi-Z, LOW = outputs enabled). TTL logic
levels with compliance to AVCC.
13
AM2
I
AM Avoidance Frequency Selection
14
AM1
I
AM Avoidance Frequency Selection
15
AM0
I
AM Avoidance Frequency Selection
16
SYNC
DIO
Clock input/output for synchronizing multiple class-D devices. Direction determined by GAIN/SLV terminal.
17
AVCC
P
Analog Supply
18
PVCC
P
Power supply
19
PVCC
P
Power supply
20
BSNL
BST
Boot strap for negative left channel output, connect to 220 nF X5R, or better ceramic cap to OUTNL
21
OUTNL
PO
Negative left channel output
22
GND
G
Ground
23
OUTPL
PO
Positive left channel output
24
BSPL
BST
Boot strap for positive left channel output, connect to 220 nF X5R, or better ceramic cap to OUTPL
25
GND
G
Ground
26
BSNR
BST
Boot strap for negative right channel output, connect to 220 nF X5R, or better ceramic cap to OUTNR
27
OUTNR
PO
Negative right channel output
28
GND
G
Ground
29
OUTPR
PO
Positive right channel output
30
BSPR
BST
Boot strap for positive right channel output, connect to 220 nF X5R or better ceramic cap to OUTPR
31
PVCC
P
Power supply
32
PVCC
P
Power supply
33
PowerPAD
G
Connect to GND for best system performance. If not connected to GND, leave floating.


Similar Part No. - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 36P
100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2-Q1 TI1-TPA3118D2-Q1 Datasheet
1Mb / 36P
100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
More results

Similar Description - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com