Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28BYJ-48 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 28BYJ-48
Description  28BYJ-48 – 5V Stepper Motor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

28BYJ-48 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  28BYJ-48 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. Box 8231 Cherrywood Tauranga New Zealand Phone: ++64 7 578 7739 Fax: ++64 7 578 7749 E-mail: enquiry@kiatronics.com
Website: www.kiatronics.com Copyright  Welten Holdings Ltd - Specifications subject to change without further notice.
28BYJ-48 – 5V Stepper Motor
The 28BYJ-48 is a small stepper motor suitable for a large range of applications.
Rated voltage
5VDC
Number of Phase
4
Speed Variation Ratio
1/64
Stride Angle
5.625°/64
Frequency
100Hz
DC resistance
50
Ω±7%(25℃)
Idle In-traction Frequency
> 600Hz
Idle Out-traction Frequency
> 1000Hz
In-traction Torque
>34.3mN.m(120Hz)
Self-positioning Torque
>34.3mN.m
Friction torque
600-1200 gf.cm
Pull in torque
300 gf.cm
Insulated resistance
>10M
Ω(500V)
Insulated electricity power
600VAC/1mA/1s
Insulation grade
A
Rise in Temperature
<40K(120Hz)
Noise
<35dB(120Hz,No load,10cm)
Model
28BYJ-48 – 5V


Similar Part No. - 28BYJ-48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28BYJ-48 ETC1-28BYJ-48 Datasheet
198Kb / 1P
The 28BYJ-48 is a small stepper motor suitable for a large range of applications.
More results

Similar Description - 28BYJ-48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28BYJ-48 ETC1-28BYJ-48 Datasheet
198Kb / 1P
The 28BYJ-48 is a small stepper motor suitable for a large range of applications.
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
STEPPER MOTOR
logo
Festo Corporation.
EMMS-ST-42-S-SEB-G2 FESTO-EMMS-ST-42-S-SEB-G2 Datasheet
76Kb / 1P
Stepper motor
EMMS-ST-28-L-SE FESTO-EMMS-ST-28-L-SE Datasheet
73Kb / 1P
Stepper motor
EMMS-ST-42-S-SB-G2 FESTO-EMMS-ST-42-S-SB-G2 Datasheet
76Kb / 1P
Stepper motor
EMMS-ST-57-S-SB-G2 FESTO-EMMS-ST-57-S-SB-G2 Datasheet
80Kb / 1P
Stepper motor
EMMS-ST-87-M-SB-G2 FESTO-EMMS-ST-87-M-SB-G2 Datasheet
81Kb / 1P
Stepper motor
logo
STEPPERONLINE
17HS15-1684S-HG10 STEPPERONLINE-17HS15-1684S-HG10 Datasheet
137Kb / 1P
STEPPER MOTOR
17HS24-2104S-PG5 STEPPERONLINE-17HS24-2104S-PG5 Datasheet
144Kb / 1P
STEPPER MOTOR
11LS13-0754E-100A STEPPERONLINE-11LS13-0754E-100A Datasheet
156Kb / 1P
STEPPER MOTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com