Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # W25Q16
Description  Arduino MKR WAN 1310
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W25Q16 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button W25Q16 Datasheet HTML 7Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 8Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 9Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 10Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 11Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 12Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 13Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 14Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Arduino MKR WAN 1310
6
Ratings
6.1 Absolute Maximum
6.2 Thermal
6.3 Recommended Operating Conditions
6.4 Power Consumption
Symbol
Description
Min
Typ
Max
Unit
VIN
​Max
Maximum input voltage from VIN pad
-0.3
5.5
V
VUSB
​Max Maximum input voltage from USB connector
-0.3
5.5
V
P
​Max
Maximum Power Consumption
TBC
mW
Symbol
Description
Min
Typ
Max
Unit
T
​ST
Storage Temperature
-40
85
°C
T
​OP
Operating Temperature
-40
85
°C
Symbol
Description
Min
Typ
Max
Unit
V
​IN
Input voltage from VIN pad
4.5
5
5.5
V
V
​USB
Input voltage from USB connector
4.8
5
5.5
V
V
​3V3
3.3V output to user application
3.3
V
I
​3V3
3.3V output current available for user application
300
mA
V
​IH
Input high-level voltage
1.815
-
-
V
V
​IL
Input low-level voltage
-
-
0.99
V
V
​OH
Output high-level voltage @I
​OH​Max, PORT.PINCFG.DRVSTR=1
-
-
7
mA
V
​OL
Output low-level voltage @I
​OL​Max, PORT.PINCFG.DRVSTR=1
-
-
10
mA
Symbol
Description
Min
Typ
Max
Unit
P
​BL
Power consumption with busy loop
TBC
mW
P
​LP
Power consumption in low power mode
TBC
mW
P
​MAX
Maximum Power Consumption
TBC
mW
12
​ / ​15
Arduino MKR WAN 1310 - 12/23/2020


Similar Part No. - W25Q16

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIG WINBOND-W25Q16BVDAIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIP WINBOND-W25Q16BVDAIP Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVSFIG WINBOND-W25Q16BVSFIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3280 IDT-IDT82V3280 Datasheet
1Mb / 167P
WAN PLL
IDT82V3255 IDT-IDT82V3255_08 Datasheet
1Mb / 132P
WAN PLL
IDT82V3280 IDT-IDT82V3280_08 Datasheet
1Mb / 171P
WAN PLL
IDT82V3285 IDT-IDT82V3285 Datasheet
1Mb / 147P
WAN PLL
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
List of Unclassifed Man...
MAX-M10S ETC-MAX-M10S_V01 Datasheet
4Mb / 12P
MKR Main Board LoRaWAN GPS
Revision 1.0 - 14/9/2022
logo
Renesas Technology Corp
IDT82V3280 RENESAS-IDT82V3280 Datasheet
1Mb / 173P
WAN PLL
June 22, 2015
IDT82V3285A RENESAS-IDT82V3285A Datasheet
1Mb / 150P
WAN PLL
August 7, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com