Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # W25Q16
Description  Arduino MKR WAN 1310
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W25Q16 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  W25Q16 Datasheet HTML 1Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 2Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 3Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 4Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 5Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 6Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 7Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 8Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product Datasheet
Features
SAMD21G18A
​ Processor
ARM Cortex M0+ at up to 48 MHz
256KB Flash
32KB SRAM
Power On Reset POR and Brown Out Detection
(BOD)
Peripherals
12 channel DMA
12 channel event system
5x 16 bit Timer/Counter
3x 24 bit timer/counter with extended
functions
32 bit RTC
Watchdog Timer
CRC-32 generator
Full speed Host/Device USB with 8 end
points
6x SERCOM (USART, I
​2​C, SPI, LIN)
Two channel I
​2​S
12 bit 350ksps ADC (up to 16 bit with
oversampling)
10 bit 350ksps DAC
External Interrupt Controller (up to 16 lines)
Murata CMWX1ZZABZ LORA Module
STMicro STM32L0 series ARM Cortex M0+ 32 bit
MCU
192Kbytes Flash
+20dBm RF TX Output Power
Semtech SX1276 Radio
W25Q16 SPI Flash memory
 
 
ATECC508 Crypto Chip
Cryptographic co-processor with secure
hardware based key storage
Protected storage for up to 16 keys, certificates
or data
ECDH: FIPS SP800-56A Elliptic Curve
Diffie-Hellman
ECDSA: FIPS186-3 Elliptic Curve Digital Signature
Algorithm
NIST standard P256 elliptic curve support
SHA-256 & HMAC hash including off-chip context
save/restore
BQ24125L
​I2C Controlled USB/Adapter Charger
92% Charge Efficiency at 2 A, 90% at 4 A
Autonomous Battery Charging
2.5-A Fast Charging
16Mbit SPI Flash 
4mA active current, <1μA Power-down (typ.) 
More than 100,000 erase/program cycles 
More than 20-year data retention 
 
 
Contents
Arduino MKR WAN 1310
1
​ / ​15
Arduino MKR WAN 1310 - 12/23/2020


Similar Part No. - W25Q16

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIG WINBOND-W25Q16BVDAIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIP WINBOND-W25Q16BVDAIP Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVSFIG WINBOND-W25Q16BVSFIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
List of Unclassifed Man...
MAX-M10S ETC-MAX-M10S_V01 Datasheet
4Mb / 12P
MKR Main Board LoRaWAN GPS
Revision 1.0 - 14/9/2022
logo
Integrated Device Techn...
IDT82V3285 IDT-IDT82V3285 Datasheet
1Mb / 147P
WAN PLL
IDT82V3280 IDT-IDT82V3280 Datasheet
1Mb / 167P
WAN PLL
logo
Renesas Technology Corp
IDT82V3280 RENESAS-IDT82V3280 Datasheet
1Mb / 173P
WAN PLL
June 22, 2015
IDT82V3285A RENESAS-IDT82V3285A Datasheet
1Mb / 150P
WAN PLL
August 7, 2009
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
Integrated Device Techn...
IDT82V3280 IDT-IDT82V3280_08 Datasheet
1Mb / 171P
WAN PLL
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
logo
Integrated Device Techn...
IDT82V3255 IDT-IDT82V3255_08 Datasheet
1Mb / 132P
WAN PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com