Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # W25Q16
Description  Arduino MKR WAN 1310
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W25Q16 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button W25Q16 Datasheet HTML 4Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 5Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 6Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 7Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 8Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 9Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 10Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 11Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Arduino MKR WAN 1310
4
Connector Pinouts
4.1 USB
Note that the board can support USB host mode only if powered via the V
​USB​ pin and if the jumper close
to the VUSB pin is shorted.
4.2 Headers
Board exposes two 28 pin connectors assembled with pin headers.
Pin
Function
Type
Description
1
V
​USB
Power
Power Supply Input. Output is board is powered via V
​USB​ from header
2
D-
Differential
USB differential data -
3
D+
Differential
USB differential data +
4
ID
Analog
Selects Host/Device functionality
5
GND
Power
Supply Ground
Pin
Function
Type
Description
1
AREF
Analog
Analog Reference.
2
A0/DAC0
Analog
ADC in/DAC out, Can be used as GPIO
3
A1
Analog
ADC in, Can be used as GPIO
4
A2
Analog
ADC in, Can be used as GPIO
5
A3
Analog
ADC in, Can be used as GPIO
6
A4/SDA
Analog
ADC in, I
​2​C SDA, Can be used as GPIO
7
A5/SCL
Analog
ADC in, I
​2​C SCL, Can be used as GPIO
8
A6
Analog
ADC in, Can be used as GPIO
9
D0
Digital
GPIO, can be used as PWM
10
D1
GPIO, can be used as PWM
11
D2/PWM
Digital
GPIO, can be used as PWM
12
D3/PWM
Digital
GPIO, can be used as PWM
13
D4/PWM
Digital
GPIO, can be used as PWM
14
D5/PWM
Digital
GPIO, can be used as PWM
15
D6
Digital
GPIO, can be used as PWM
16
D7
Digital
GPIO can be used as PWM
17
D8/MOSI
Digital
SPI MOSI, can be used as GPIO, can be used as PWM
18
D9/SCK
Digital
SPI SCK, can be used as GPIO, can be used as PWM
19
D10/MISO
Digital
SPI MISO, can be used as GPIO
20
D11/SDA
Digital
I2C SDA, can be used as GPIO
21
D12/SCL
Digital
I2C SCL, can be used as GPIO
22
D13/RX
Digital
USART RX, can be used as GPIO
23
D14/TX
Digital
USART TX, can be used as GPIO
24
RESETN
Digital
Reset input
25
GND
Power
Power Ground
26
+3V3
Power Out
27
VIN
Power In
Vin Power input
28
+5V
Power Out
Power Ground
8
​ / ​15
Arduino MKR WAN 1310 - 12/23/2020


Similar Part No. - W25Q16

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIG WINBOND-W25Q16BVDAIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIP WINBOND-W25Q16BVDAIP Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVSFIG WINBOND-W25Q16BVSFIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
List of Unclassifed Man...
MAX-M10S ETC-MAX-M10S_V01 Datasheet
4Mb / 12P
MKR Main Board LoRaWAN GPS
Revision 1.0 - 14/9/2022
logo
Integrated Device Techn...
IDT82V3285 IDT-IDT82V3285 Datasheet
1Mb / 147P
WAN PLL
IDT82V3280 IDT-IDT82V3280 Datasheet
1Mb / 167P
WAN PLL
logo
Renesas Technology Corp
IDT82V3280 RENESAS-IDT82V3280 Datasheet
1Mb / 173P
WAN PLL
June 22, 2015
IDT82V3285A RENESAS-IDT82V3285A Datasheet
1Mb / 150P
WAN PLL
August 7, 2009
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
Integrated Device Techn...
IDT82V3280 IDT-IDT82V3280_08 Datasheet
1Mb / 171P
WAN PLL
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
logo
Integrated Device Techn...
IDT82V3255 IDT-IDT82V3255_08 Datasheet
1Mb / 132P
WAN PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com