Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # W25Q16
Description  Arduino MKR WAN 1310
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W25Q16 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  W25Q16 Datasheet HTML 1Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 2Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 3Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 4Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 5Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 6Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 7Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 8Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Arduino MKR WAN 1310
2.2 LoRa module
LoRa connectivity is provided by a Murata CMWX1ZZABZ module. This module contains a STM32L0
processor along with a Semtech SX1276 Radio. The processor is running on Arduino open source
firmware based on Semtech code.
2.3 Crypto (ECC508)
The crypto chip in Arduino IoT boards is what makes the difference with other less secure boards as it
provides a secure way to store secrets such as certificates and it also allows accelerating secure
protocols while never exposing secrets in plain text.
Source code for the Arduino Library that supports the Crypto is available here [10]
2.4 Flash Memory (W25Q16)
Arduino MKRWAN 1310 is available with additional external SPI Flash memories. External SPI flash can
provide up to 16Mb of storage and can be used as a SPI peripheral for data storage.
Source code for the Arduino Library that supports the Flash Memory is available here [11]
Note
Although Firmware is open source, modifying it will require recertification of the radio stack
Note
This radio transmitter [IC:26792-ABX00029] has been approved by Innovation, Science and Economic
Development Canada to operate with the antenna types listed below, with the maximum permissible
gain indicated. Antenna types not included in this list that have a gain greater than the maximum gain
indicated for any type listed are strictly prohibited for use with this device.
Antenna Manufacturer:
Dynaflex srl
Antenna Model:
505012UFL
Antenna type:
external omnidirectional dipole antenna
Antenna gain:
-1dBi
Note
Please to correctly usage of the Flash memory follow these steps :
● saving data in ATSAMD21G18A ram
● shutting down the modem
● bringing up the flash and save the data there
5
​ / ​15
Arduino MKR WAN 1310 - 12/23/2020


Similar Part No. - W25Q16

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIG WINBOND-W25Q16BVDAIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIP WINBOND-W25Q16BVDAIP Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVSFIG WINBOND-W25Q16BVSFIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
List of Unclassifed Man...
MAX-M10S ETC-MAX-M10S_V01 Datasheet
4Mb / 12P
MKR Main Board LoRaWAN GPS
Revision 1.0 - 14/9/2022
logo
Integrated Device Techn...
IDT82V3285 IDT-IDT82V3285 Datasheet
1Mb / 147P
WAN PLL
IDT82V3280 IDT-IDT82V3280 Datasheet
1Mb / 167P
WAN PLL
logo
Renesas Technology Corp
IDT82V3280 RENESAS-IDT82V3280 Datasheet
1Mb / 173P
WAN PLL
June 22, 2015
IDT82V3285A RENESAS-IDT82V3285A Datasheet
1Mb / 150P
WAN PLL
August 7, 2009
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
Integrated Device Techn...
IDT82V3280 IDT-IDT82V3280_08 Datasheet
1Mb / 171P
WAN PLL
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
logo
Integrated Device Techn...
IDT82V3255 IDT-IDT82V3255_08 Datasheet
1Mb / 132P
WAN PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com