Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # W25Q16
Description  Arduino MKR WAN 1310
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W25Q16 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  W25Q16 Datasheet HTML 1Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 2Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 3Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 4Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 5Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 6Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 7Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 8Page - List of Unclassifed Manufacturers W25Q16 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Arduino MKR WAN 1310
1
Description
The MKR WAN 1310 is a miniature sized module containing a Cortex M0+ SAMD21 processor, the
Murata CMWX1ZZABZ LoRa® module, a crypto chip (the ECC508), and a 2MByte SPI Flash. The module
can either be mounted as a DIP component throughout the already mounted headers.
Like most Arduino MKR form factor boards the MKR WAN 1310 can be powered via USB, via headers or
connecting a Lithium or Lithium Polymer battery to the embedded battery charger (the BQ24195L).
2
Functional Overview
2.1 Main Processor
Main Processor is a Cortex M0+ running at up to 48MHz. Most of its pins are connected to the external
headers, however some are reserved for internal communication to the communication module and to
the internalSPI and I
​2​C peripherals (SPI Flash memory and Crypto).
Communication with Murata CMWX1ZZABZ happens through a I2C and a SPI through the following pins.
Note
Arduino MKR WAN 1310 battery charger has a minimum of 512mA charge current. please ensure this
charging current is compatible with the battery you will be using.
Note
Arduino MKR WAN 1310 only supports 3.3V I/Os and is
​NOT ​5V tolerant so please make sure you are
not directly connecting 5V signals to this board, or it will be damaged. Also the 5V pin does NOT
supply voltage but is rather connected, through a jumper, to the USB power input.
SAMD21
Pin
SAMD21
Acronym
NINA
Pin
CMWX1ZZABZ
Acronym
Description
39
PA27
34
MCU_NRST
Reset
41
PA28
22
GPIO0
IRQ pin
8
PB09
43
boot_0
Boot
23
PA14
17
GPIO5
SPI CS
22
PA13
16
GPIO18
SPI CLK
24
PA15
15
GPIO21
SPI MISO
21
PA12
14
GPIO12
SPI MOSI
14
PA08
36
PB9/SDA1
I2C SDA
13
PA09
35
PB8/SCL1
I2C SCL
4
​ / ​15
Arduino MKR WAN 1310 - 12/23/2020


Similar Part No. - W25Q16

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIG WINBOND-W25Q16BVDAIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIP WINBOND-W25Q16BVDAIP Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVSFIG WINBOND-W25Q16BVSFIG Datasheet
2Mb / 68P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
List of Unclassifed Man...
MAX-M10S ETC-MAX-M10S_V01 Datasheet
4Mb / 12P
MKR Main Board LoRaWAN GPS
Revision 1.0 - 14/9/2022
logo
Integrated Device Techn...
IDT82V3285 IDT-IDT82V3285 Datasheet
1Mb / 147P
WAN PLL
IDT82V3280 IDT-IDT82V3280 Datasheet
1Mb / 167P
WAN PLL
logo
Renesas Technology Corp
IDT82V3280 RENESAS-IDT82V3280 Datasheet
1Mb / 173P
WAN PLL
June 22, 2015
IDT82V3285A RENESAS-IDT82V3285A Datasheet
1Mb / 150P
WAN PLL
August 7, 2009
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
Integrated Device Techn...
IDT82V3280 IDT-IDT82V3280_08 Datasheet
1Mb / 171P
WAN PLL
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
logo
Integrated Device Techn...
IDT82V3255 IDT-IDT82V3255_08 Datasheet
1Mb / 132P
WAN PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com