Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet(PDF) 12 Page - Nisshinbo Micro Devices Inc.

Part # RP114X
Description  300 mA LDO REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP114X Datasheet(HTML) 12 Page - Nisshinbo Micro Devices Inc.

Back Button RP114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
RP114x
No.EA-236-220901
12
TYPICAL CHARACTERISTICS
Note: Typical Characteristics are intended to be used as reference data; they are not guaranteed.
1) Output Voltage vs. Output Current (C1
=1.0µF, C2=1.0µF, Ta=25°C)
RP114x08xx
RP114x25xx
RP114x36xx
2) Output Voltage vs. Input Voltage (C1
=1.0µF, C2=1.0µF, Ta=25°C)
RP114x08xx
RP114x25xx
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
100 200 300 400 500 600 700
Output Current IOUT (mA)
VIN=1.8V
VIN=2.8V
VIN=3.6V
VIN=4.2V
VIN=5.0V
VIN=5.25V
0
0.5
1.0
1.5
2.0
2.5
3.0
0
100 200 300 400 500 600 700
Output Current IOUT (mA)
VIN=3.5V
VIN=4.2V
VIN=5.0V
VIN=5.25V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100 200 300 400 500 600 700
Output Current IOUT (mA)
VIN=4.6V
VIN=5.0V
VIN=5.25V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
1
2
3
4
5
Input Voltage VIN (V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
Input Voltage VIN (V)
IOUT=1mA
IOUT=30mA
IOUT=50mA


Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results

Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com