Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet(PDF) 11 Page - Nisshinbo Micro Devices Inc.

Part # RP114X
Description  300 mA LDO REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP114X Datasheet(HTML) 11 Page - Nisshinbo Micro Devices Inc.

Back Button RP114X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
RP114x
No.EA-236-220901
11
ESR vs. Output Current
When using these ICs, consider the following points:
The relations between IOUT (Output Current) and ESR of an output capacitor are shown below. The conditions
when the white noise level is under 40µV (Avg.) are marked as the hatched area in the graph.
Measurement conditions
Frequency Band: 10Hz to 2MHz
Temperature
:
−40°C to 85°C
C1, C2
: 1.0µF
RP114x08xx
RP114x25xx
RP114x36xx
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Output Current IOUT (mA)
VIN=1.4V to 5.25V
Topt=85°C
Topt=-40°C
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Output Current IOUT (mA)
VIN=3.6V to 5.25V
Topt=85°C
Topt=-40°C
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Output Current IOUT (mA)
VIN=2.5V to 5.25V
Topt=85°C
Topt=-40°C
Ta
Ta
Ta
Ta
Ta
Ta


Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results

Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com