Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet(PDF) 10 Page - Nisshinbo Micro Devices Inc.

Part # RP114X
Description  300 mA LDO REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP114X Datasheet(HTML) 10 Page - Nisshinbo Micro Devices Inc.

Back Button RP114X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
RP114x
No.EA-236-220901
10
TECHNICAL NOTES ON EXTERNAL COMPONENTS
When using these ICs, consider the following points:
Phase Compensation
In this IC, phase compensation is made for securing stable operation even if the load current is varied. For this
purpose, use a capacitor C2 with 1.0µF or more and good ESR (Equivalent Series Resistance).
(Note: If additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for
phase compensation, the operation might be unstable. Because of this, test this IC with as same external
components as ones to be used on the PCB.)
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 1.0µF or more between VDD and GND pins, and
as close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the IC, and make wiring
as short as possible.
Typical Application Circuit
C1
1.0 µF
RP114x
Series
VDD VOUT
CE
GND
C2
1.0 µF
VOUT
CE Control


Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results

Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com