Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # RP114X
Description  300 mA LDO REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP114X Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  RP114X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
RP114x SERIES
300 mA LDO REGULATOR
No.EA-236-220901
1
OUTLINE
The RP114x is a CMOS-based voltage regulator IC with high output voltage accuracy, low supply current, low
dropout, and high ripple rejection. This IC consists of a voltage reference unit, an error amplifier, resistors for
setting output voltage, a short current limit circuit, a chip enable circuit, and so on. The RP114x features a
minimum input voltage from 1.4V and the output voltage, which can be set from 0.8V to 3.6V (in 0.1V step).
The output voltage of this IC is internally fixed. This IC perform with low dropout voltage due to built-in transistor
with low ON resistance. Low supply current and a chip enable function prolong the battery life of each system.
The ripple rejection, line transient response and load transient response of the RP114x is excellent, thus this
IC is very suitable for the power supply for hand-held communication equipment. Since the packages for
this IC are DFN(
PL)1010-4、DFN(PL)1010-4B、SC-88A、SOT-23-5, therefore high density mounting of the
IC on boards is possible.
FEATURES
• Supply Current................................................................Typ. 50µA
• Standby Current .............................................................Typ. 0.1µA
• Input Voltage Range .......................................................1.4V to 5.25V
• Output Voltage Range(1) .................................................0.8V to 3.6V (0.1V steps)
• Output Voltage Accuracy ................................................±1.0% (VSET>2.0V, Ta = 25°C)
• Temperature-Drift Coefficient of Output Voltage.............Typ. ±80ppm/°C
• Dropout Voltage..............................................................Typ. 0.25V (IOUT = 300mA, VSET = 2.8V)
• Ripple Rejection .............................................................Typ. 75dB (f=1kHz)
• Line Regulation...............................................................Typ. 0.02%/V
SC-88A、SOT-23-5
• Built-in Fold Back Protection Circuit ...............................Typ. 60mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC ...... 1.0µF or more
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.
(1) For other voltages, please refer to Product-specific Electrical Characteristics.
• Packages ·····················
····································· DFN(PL)1010-4
、DFN(PL)1010-4B、


Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results

Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com