Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet(PDF) 8 Page - Nisshinbo Micro Devices Inc.

Part # RP114X
Description  300 mA LDO REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP114X Datasheet(HTML) 8 Page - Nisshinbo Micro Devices Inc.

Back Button RP114X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
RP114x
No.EA-236-220901
8
Product-specific Electrical Characteristics
The specifications in
are guaranteed by design engineering at -40ºC
≤ Ta ≤ 85ºC.
Product Name
VOUT [V] (Ta = 25°C)
VOUT [V]
(−40°C ≤ Ta ≤ 85°C)
VDIF [V]
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Max.
RP114x081x
0.780
0.800
0.820
0.740
0.800
0.860
0.560
0.720
RP114x091x
0.880
0.900
0.920
0.840
0.900
0.960
0.510
0.650
RP114x101x
0.980
1.000
1.020
0.940
1.000
1.060
0.460
0.590
RP114x101x5
1.030
1.050
1.070
0.990
1.050
1.110
RP114x111x
1.080
1.100
1.120
1.040
1.100
1.160
RP114x111x5
1.130
1.150
1.170
1.090
1.150
1.210
RP114x121x
1.180
1.200
1.220
1.140
1.200
1.260
0.390
0.500
RP114x121x5
1.230
1.250
1.270
1.190
1.250
1.310
RP114x131x
1.280
1.300
1.320
1.240
1.300
1.360
RP114x131x5
1.330
1.350
1.370
1.290
1.350
1.410
RP114x141x
1.380
1.400
1.420
1.340
1.400
1.460
0.350
0.440
RP114x151x
1.480
1.500
1.520
1.440
1.500
1.560
RP114x161x
1.580
1.600
1.620
1.540
1.600
1.660
RP114x171x
1.680
1.700
1.720
1.640
1.700
1.760
0.300
0.390
RP114x171x5
1.730
1.750
1.770
1.690
1.750
1.810
RP114x181x
1.780
1.800
1.820
1.740
1.800
1.860
RP114x181x5
1.830
1.850
1.870
1.790
1.850
1.910
RP114x191x
1.880
1.900
1.920
1.840
1.900
1.960
RP114x201x
1.980
2.000
2.020
1.940
2.000
2.060
RP114x211x
2.079
2.100
2.121
2.037
2.100
2.163
0.260
0.340
RP114x221x
2.178
2.200
2.222
2.134
2.200
2.266
RP114x231x
2.277
2.300
2.323
2.231
2.300
2.369
RP114x241x
2.376
2.400
2.424
2.328
2.400
2.472
RP114x251x
2.475
2.500
2.525
2.425
2.500
2.575
0.250
0.300
RP114x261x
2.574
2.600
2.626
2.522
2.600
2.678
RP114x271x
2.673
2.700
2.727
2.619
2.700
2.781
RP114x281x
2.772
2.800
2.828
2.716
2.800
2.884
RP114x281x5
2.822
2.850
2.879
2.765
2.850
2.936
RP114x291x
2.871
2.900
2.929
2.813
2.900
2.987
RP114x301x
2.970
3.000
3.030
2.910
3.000
3.090
0.220
0.290
RP114x311x
3.069
3.100
3.131
3.007
3.100
3.193
RP114x321x
3.168
3.200
3.232
3.104
3.200
3.296
RP114x331x
3.267
3.300
3.333
3.201
3.300
3.399
RP114x341x
3.366
3.400
3.434
3.298
3.400
3.502
RP114x341x5
3.416
3.450
3.485
3.347
3.450
3.554
RP114x351x
3.465
3.500
3.535
3.395
3.500
3.605
RP114x361x
3.564
3.600
3.636
3.492
3.600
3.708


Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results

Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com