Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet(PDF) 6 Page - Nisshinbo Micro Devices Inc.

Part # RP114X
Description  300 mA LDO REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP114X Datasheet(HTML) 6 Page - Nisshinbo Micro Devices Inc.

Back Button RP114X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
RP114x
No.EA-236-220901
6
ELECTRICAL CHARACTERISTICS
VIN = VSET(1)+1.0 V (VSET > 1.5 V),VIN = 2.5 V (VSET
≤ 1.5V),IOUT = 1 mA,CIN = COUT = 1.0 µF,
unless otherwise noted.
The specifications in
are guaranteed by design engineering at -40ºC
≤ Ta ≤ 85ºC.
RP114xxxxB/D
Electrical Characteristics
(Ta=25
°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Ta = 25
°C
VSET > 2.0 V
×0.99
×1.01
V
VSET
≤ 2.0 V
-20
+20
mV
-40
°C
≤ Ta ≤ 85°C
VSET > 2.0 V
×0.97
×1.03
V
VSET
≤ 2.0 V
-60
+60
mV
IOUT
Output Current
300
mA
∆VOUT/∆IOUT Load Regulation
1 mA
≤ IOUT ≤ 300 mA
15
40
mV
VDIF
Dropout Voltage
Please refer to Product-specific Electrical Characteristics attached.
ISS
Supply Current
IOUT = 0 mA
50
75
μA
Istandby
Standby Current
VCE = 0 V
0.1
1.0
μA
∆VOUT
/
∆VIN
Line Regulation
VSET + 0.5 V
≤ VIN ≤ 5.25 V
(VIN
≥ 1.4 V)
0.02
0.10
%/V
RR
Ripple Rejection
f=1kHz, Ripple 0.2 Vp-p,
VIN=VSET +1V, IOUT = 30 mA
(When VSET
≤ 2.0 V, VIN = 3.0 V)
75
dB
∆VOUT/∆Ta
Output Voltage
Temperature
Coefficient
-40
°C
≤ Ta ≤ 85°C
±80
ppm
/
°C
ISC
Short Current Limit
VOUT = 0 V
60
mA
IPD
CE Pull-down Current
0.3
0.6
μA
VCEH
CE Input Voltage “H”
1.0
V
VCEL
CE Input Voltage “L”
0.4
V
en
Output Noise
BW = 10 Hz to 100 kHz,
IOUT = 30 mA
75
μVrms
RLOW
Low Output Nch. On
Resistance
(RP114xxxxD Only)
VIN = 4.0 V, VCE = 0 V
50
Ω
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj
≈ Ta = 25ºC) except for
Output Noise, Ripple Rejection, and Output Voltage Temperature Coefficient.
(1) VSET: Set Output Voltage


Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results

Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com