Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet(PDF) 35 Page - Nisshinbo Micro Devices Inc.

Part # RP114X
Description  300 mA LDO REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP114X Datasheet(HTML) 35 Page - Nisshinbo Micro Devices Inc.

Back Button RP114X Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 30Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 31Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 32Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 33Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 34Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 35Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 36Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
PART MARKINGS
RP114N
MK-RP114N-JE-A
ii
RP114Nxx1B Part Marking List
RP114Nxx1D Part Marking List
Product Name

Set Output
Voltage
Product Name

Set Output
Voltage
RP114N081B
Q A A
0.8 V
RP114N081D
Q B A
0.8 V
RP114N091B
Q A B
0.9 V
RP114N091D
Q B B
0.9 V
RP114N101B
Q A C
1.0 V
RP114N101D
Q B C
1.0 V
RP114N111B
Q A D
1.1 V
RP114N111D
Q B D
1.1 V
RP114N121B
Q A E
1.2 V
RP114N121D
Q B E
1.2 V
RP114N131B
Q A F
1.3 V
RP114N131D
Q B F
1.3 V
RP114N141B
Q A G
1.4 V
RP114N141D
Q B G
1.4 V
RP114N151B
Q A H
1.5 V
RP114N151D
Q B H
1.5 V
RP114N161B
Q A J
1.6 V
RP114N161D
Q B J
1.6 V
RP114N171B
Q A K
1.7 V
RP114N171D
Q B K
1.7 V
RP114N181B
Q A L
1.8 V
RP114N181D
Q B L
1.8 V
RP114N191B
Q A M
1.9 V
RP114N191D
Q B M
1.9 V
RP114N201B
Q A N
2.0 V
RP114N201D
Q B N
2.0 V
RP114N211B
Q A P
2.1 V
RP114N211D
Q B P
2.1 V
RP114N221B
Q A Q
2.2 V
RP114N221D
Q B Q
2.2 V
RP114N231B
Q A R
2.3 V
RP114N231D
Q B R
2.3 V
RP114N241B
Q A S
2.4 V
RP114N241D
Q B S
2.4 V
RP114N251B
Q A T
2.5 V
RP114N251D
Q B T
2.5 V
RP114N261B
Q A U
2.6 V
RP114N261D
Q B U
2.6 V
RP114N271B
Q A V
2.7 V
RP114N271D
Q B V
2.7 V
RP114N281B
Q A W
2.8 V
RP114N281D
Q B W
2.8 V
RP114N291B
Q A X
2.9 V
RP114N291D
Q B X
2.9 V
RP114N301B
Q A Y
3.0 V
RP114N301D
Q B Y
3.0 V
RP114N311B
Q A Z
3.1 V
RP114N311D
Q B Z
3.1 V
RP114N321B
R A A
3.2 V
RP114N321D
R B A
3.2 V
RP114N331B
R A B
3.3 V
RP114N331D
R B B
3.3 V
RP114N341B
R A C
3.4 V
RP114N341D
R B C
3.4 V
RP114N351B
R A D
3.5 V
RP114N351D
R B D
3.5 V
RP114N361B
R A E
3.6 V
RP114N361D
R B E
3.6 V
RP114N121B5
R A F
1.25 V
RP114N121D5
R B F
1.25 V
RP114N181B5
R A G
1.85 V
RP114N181D5
R B G
1.85 V
RP114N281B5
R A H
2.85 V
RP114N281D5
R B H
2.85 V
RP114N341B5
R A J
3.45 V
RP114N341D5
R B J
3.45 V
RP114N101B5
R A K
1.05 V
RP114N101D5
R B K
1.05 V


Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results

Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com