Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet(PDF) 31 Page - Nisshinbo Micro Devices Inc.

Part # RP114X
Description  300 mA LDO REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP114X Datasheet(HTML) 31 Page - Nisshinbo Micro Devices Inc.

Back Button RP114X Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 30Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 31Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 32Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 33Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 34Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 35Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
PART MARKINGS
RP114Q
MK-RP114Q-JE-A
ii
RP114Qxx2B Part Marking List
RP114Qxx2D Part Marking List
Product Name

Set Output
Voltage
Product Name

Set Output
Voltage
RP114Q082B
A G 0 8
0.8 V
RP114Q082D
A H 0 8
0.8 V
RP114Q092B
A G 0 9
0.9 V
RP114Q092D
A H 0 9
0.9 V
RP114Q102B
A G 1 0
1.0 V
RP114Q102D
A H 1 0
1.0 V
RP114Q112B
A G 1 1
1.1 V
RP114Q112D
A H 1 1
1.1 V
RP114Q122B
A G 1 2
1.2 V
RP114Q122D
A H 1 2
1.2 V
RP114Q132B
A G 1 3
1.3 V
RP114Q132D
A H 1 3
1.3 V
RP114Q142B
A G 1 4
1.4 V
RP114Q142D
A H 1 4
1.4 V
RP114Q152B
A G 1 5
1.5 V
RP114Q152D
A H 1 5
1.5 V
RP114Q162B
A G 1 6
1.6 V
RP114Q162D
A H 1 6
1.6 V
RP114Q172B
A G 1 7
1.7 V
RP114Q172D
A H 1 7
1.7 V
RP114Q182B
A G 1 8
1.8 V
RP114Q182D
A H 1 8
1.8 V
RP114Q192B
A G 1 9
1.9 V
RP114Q192D
A H 1 9
1.9 V
RP114Q202B
A G 2 0
2.0 V
RP114Q202D
A H 2 0
2.0 V
RP114Q212B
A G 2 1
2.1 V
RP114Q212D
A H 2 1
2.1 V
RP114Q222B
A G 2 2
2.2 V
RP114Q222D
A H 2 2
2.2 V
RP114Q232B
A G 2 3
2.3 V
RP114Q232D
A H 2 3
2.3 V
RP114Q242B
A G 2 4
2.4 V
RP114Q242D
A H 2 4
2.4 V
RP114Q252B
A G 2 5
2.5 V
RP114Q252D
A H 2 5
2.5 V
RP114Q262B
A G 2 6
2.6 V
RP114Q262D
A H 2 6
2.6 V
RP114Q272B
A G 2 7
2.7 V
RP114Q272D
A H 2 7
2.7 V
RP114Q282B
A G 2 8
2.8 V
RP114Q282D
A H 2 8
2.8 V
RP114Q292B
A G 2 9
2.9 V
RP114Q292D
A H 2 9
2.9 V
RP114Q302B
A G 3 0
3.0 V
RP114Q302D
A H 3 0
3.0 V
RP114Q312B
A G 3 1
3.1 V
RP114Q312D
A H 3 1
3.1 V
RP114Q322B
A G 3 2
3.2 V
RP114Q322D
A H 3 2
3.2 V
RP114Q332B
A G 3 3
3.3 V
RP114Q332D
A H 3 3
3.3 V
RP114Q342B
A G 3 4
3.4 V
RP114Q342D
A H 3 4
3.4 V
RP114Q352B
A G 3 5
3.5 V
RP114Q352D
A H 3 5
3.5 V
RP114Q362B
A G 3 6
3.6 V
RP114Q362D
A H 3 6
3.6 V
RP114Q122B5
A G 3 7
1.25 V
RP114Q122D5
A H 3 7
1.25 V
RP114Q182B5
A G 3 8
1.85 V
RP114Q182D5
A H 3 8
1.85 V
RP114Q282B5
A G 3 9
2.85 V
RP114Q282D5
A H 3 9
2.85 V
RP114Q342B5
A G 4 0
3.45 V
RP114Q342D5
A H 4 0
3.45 V
RP114Q102B5
A G 4 1
1.05 V
RP114Q102D5
A H 4 1
1.05 V


Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results

Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com