Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114X Datasheet(PDF) 27 Page - Nisshinbo Micro Devices Inc.

Part # RP114X
Description  300 mA LDO REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP114X Datasheet(HTML) 27 Page - Nisshinbo Micro Devices Inc.

Back Button RP114X Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 30Page - Nisshinbo Micro Devices Inc. RP114X Datasheet HTML 31Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
PART MARKINGS
RP114K
MK-RP114K-JE-B
ii
RP114Kxx1B Part Marking List
RP114Kxx1D Part Marking List
Product Name
①②
Set Output
Voltage
Product Name
①②
Set Output
Voltage
RP114K081B
L 0
0.8V
RP114K081D
Q 0
0.8V
RP114K091B
L 1
0.9V
RP114K091D
Q 1
0.9V
RP114K101B
L 2
1.0V
RP114K101D
Q 2
1.0V
RP114K111B
L 3
1.1V
RP114K111D
Q 3
1.1V
RP114K121B
L 4
1.2V
RP114K121D
Q 4
1.2V
RP114K131B
L 5
1.3V
RP114K131D
Q 5
1.3V
RP114K141B
L 6
1.4V
RP114K141D
Q 6
1.4V
RP114K151B
L 7
1.5V
RP114K151D
Q 7
1.5V
RP114K161B
L 8
1.6V
RP114K161D
Q 8
1.6V
RP114K171B
L 9
1.7V
RP114K171D
Q 9
1.7V
RP114K181B
M 0
1.8V
RP114K181D
R 0
1.8V
RP114K191B
M 1
1.9V
RP114K191D
R 1
1.9V
RP114K201B
M 2
2.0V
RP114K201D
R 2
2.0V
RP114K211B
M 3
2.1V
RP114K211D
R 3
2.1V
RP114K221B
M 4
2.2V
RP114K221D
R 4
2.2V
RP114K231B
M 5
2.3V
RP114K231D
R 5
2.3V
RP114K241B
M 6
2.4V
RP114K241D
R 6
2.4V
RP114K251B
M 7
2.5V
RP114K251D
R 7
2.5V
RP114K261B
M 8
2.6V
RP114K261D
R 8
2.6V
RP114K271B
M 9
2.7V
RP114K271D
R 9
2.7V
RP114K281B
N 0
2.8V
RP114K281D
S 0
2.8V
RP114K291B
N 1
2.9V
RP114K291D
S 1
2.9V
RP114K301B
N 2
3.0V
RP114K301D
S 2
3.0V
RP114K311B
N 3
3.1V
RP114K311D
S 3
3.1V
RP114K321B
N 4
3.2V
RP114K321D
S 4
3.2V
RP114K331B
N 5
3.3V
RP114K331D
S 5
3.3V
RP114K341B
N 6
3.4V
RP114K341D
S 6
3.4V
RP114K351B
N 7
3.5V
RP114K351D
S 7
3.5V
RP114K361B
N 8
3.6V
RP114K361D
S 8
3.6V
RP114K121B5
N 9
1.25V
RP114K121D5
S 9
1.25V
RP114K181B5
P 0
1.85V
RP114K181D5
T 0
1.85V
RP114K281B5
P 1
2.85V
RP114K281D5
T 1
2.85V
RP114K341B5
P 2
3.45V
RP114K341D5
T 2
3.45V
RP114K101B5
P 3
1.05V
RP114K101D5
T 3
1.05V
RP114K171B5
P 4
1.75V
RP114K171D5
T 4
1.75V
RP114K111B5
P 5
1.15V
RP114K111D5
T 5
1.15V
RP114K131B5
P 6
1.35V
RP114K131D5
T 6
1.35V


Similar Part No. - RP114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081B-TR RICOH-RP114K081B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K081D-TR RICOH-RP114K081D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101B-TR RICOH-RP114K101B-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
RP114K101D-TR RICOH-RP114K101D-TR Datasheet
1Mb / 28P
Supply Current Typ. 50uA
More results

Similar Description - RP114X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com